データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2XM-1Z1V3-R2

  • AI
    The **W2XM-1Z1V3-R2** is a specific electronic component belonging to the category of **High-Speed Data Connectors**, specifically within the **HSD (High-Speed Data)** or **LVDS** (Low-Voltage Differential Signaling) families often used in automotive and industrial communication systems. --- ### 1. Technical Specifications The part number typically breaks down into specific mechanical and electrical attributes: | Feature | Specification Details | | :--- | :--- | | **Connector Type** | HSD (High-Speed Data) Connector | | **Configuration** | 4-Pin (Quad) + 2/M (Variant dependent) | | **Impedance** | 100 $\Omega$ (Differential) | | **Frequency Range** | DC to 2.0 GHz (Common for R2 revisions) | | **Data Rate** | Supports up to 1.6 Gbps or 5.0 Gbps (depending on protocol) | | **Mounting Type** | Through-hole (THT) or Right-Angle PCB Mount | --- ### 2. Key Electronic Characteristics These parts are engineered to maintain signal integrity in harsh environments: * **Shielding:** Features a robust 360° metal shielding to prevent Electromagnetic Interference (EMI) and Crosstalk between high-speed data lanes. * **Coding/Keying:** The "1Z" or similar suffixes often refer to the **mechanical coding**. HSD connectors use color-coded plastic housings (e.g., Water Blue, Jet Black) to prevent incorrect mating during assembly. * **Voltage/Current:** Usually rated for a low operating voltage (up to 60V DC) and low current (around 1.5A to 3A), as they are intended for data, not power delivery. --- ### 3. Common Applications Due to its high-speed capabilities and mechanical durability, the W2XM series is frequently found in: 1. **Automotive Infotainment:** Connecting head units to high-resolution displays. 2. **ADAS (Advanced Driver Assistance Systems):** Routing data from cameras and LIDAR sensors to the processing unit. 3. **USB/LVDS Bridging:** Used as a physical interface for USB 2.0/3.0 signals in vehicle cabins. 4. **Telematics:** High-speed communication modules. --- ### 4. Comparison to Standard Connectors Compared to consumer-grade connectors (like standard USB), the W2XM-1Z1V3-R2 offers: * **Vibration Resistance:** Mechanical locking mechanisms to prevent disconnection. * **Temperature Range:** Rated for automotive grade (typically -40°C to +105°C). * **Durability:** Higher mating cycle ratings and corrosion-resistant plating (often Gold or Silver).
    ✨ Follow-up Questions
    • ⤷ What is the specific color coding for the '1Z' mechanical keying?
    • ⤷ Which manufacturer produces this specific W2XM part number?
    • ⤷ Can this connector be used for Power over HSD (PoH) applications?