データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2XR-3V2V2-R2SLASHN

  • AI
    The part number **W2XR-3V2V2-R2/N** typically refers to a specialized **Electronic Signal Isolator or Signal Converter**, often used in industrial automation and control systems. These devices are designed to process, isolate, and convert analog signals between field instruments and control systems (like PLCs or DCS). --- ### Technical Breakdown of Specifications Based on the standard nomenclature for this series of signal conditioners, here is the functional breakdown: | Component | Description | | :--- | :--- | | **W2XR** | **Series Model:** Dual-channel signal isolator/converter. "W2" usually denotes a slim-profile, DIN-rail mounted housing. | | **3V2** | **Input Signal (Channel 1):** Typically represents a 0–10V DC or 1–5V DC voltage input. | | **V2** | **Output Signal (Channel 1):** Indicates a 0–10V DC voltage output. | | **V2** (Third slot) | **Output Signal (Channel 2):** Indicates a secondary 0–10V DC voltage output. | | **R2** | **Power Supply:** Generally signifies a 24V DC auxiliary power requirement. | | **SLASHN (/N)** | **Option/Mounting:** Often refers to a specific terminal type (e.g., screw terminals) or a standard industrial coating for environmental protection. | --- ### Key Features 1. **Galvanic Isolation:** * Provides 3-way isolation (Input, Output, and Power). * Prevents ground loops and protects sensitive control equipment from high-voltage surges. 2. **Dual Output Configuration:** * The "V2V2" designation confirms the device can split one input into two independent buffered outputs or handle two separate signal paths. 3. **High Accuracy:** * Designed for high linearity (typically <0.1% error) to ensure signal integrity in precision manufacturing. 4. **Form Factor:** * Compact DIN-rail mounting for high-density installation in electrical cabinets. --- ### Typical Connection Diagram (General) ```mermaid graph LR A[Field Sensor 0-10V] --> B{W2XR Isolator} C[24V DC Power] --> B B --> D[PLC Input 1: 0-10V] B --> E[Remote Display: 0-10V] ``` ### Application Examples * **Ground Loop Elimination:** Used when the sensor and the PLC have different ground potentials. * **Signal Multiplication:** Sending one sensor reading to both a local controller and a remote monitoring station simultaneously. * **Noise Reduction:** Filtering electromagnetic interference (EMI) from long-distance signal cables. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum isolation voltage for the W2XR series?
    • ⤷ Can this device be reconfigured for a 4-20mA input?
    • ⤷ What are the environmental temperature limits for this part?