データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2XR-3V3V2-R2

  • AI
    The **W2XR-3V3V2-R2** is a specialized power management module, commonly identified as a non-isolated DC-DC step-down (buck) converter or a point-of-load (POL) regulator. These components are designed to provide stable voltage to sensitive electronics like FPGAs, DSPs, and microprocessors. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 4.5V to 14V DC | | **Output Voltage** | 3.3V DC (Fixed) | | **Output Current** | 2A to 3A (depending on thermal conditions) | | **Efficiency** | ~90% - 95% (at full load) | | **Package Type** | SMT (Surface Mount Technology) / SIP | | **Topology** | Synchronous Buck Converter | --- ### 2. Core Electronic Components The internal architecture of the W2XR series generally consists of the following building blocks: 1. **Switching Controller:** The "brain" that uses Pulse Width Modulation (PWM) to regulate the output voltage. 2. **MOSFETs:** High-side and low-side transistors that switch the input power on and off at high frequencies (usually 300kHz to 1MHz). 3. **Power Inductor:** Stores energy during the "on" cycle and releases it to the load during the "off" cycle to smooth current. 4. **Input/Output Capacitors:** Ceramic or polymer capacitors used to reduce voltage ripple and filter electromagnetic interference (EMI). 5. **Feedback Network:** A precision resistor divider that monitors the output voltage and signals the controller to adjust the duty cycle. --- ### 3. Protection Features The "-R2" revision usually indicates updated safety features or RoHS compliance. Standard protections include: * **Over-Current Protection (OCP):** Shuts down the module if the load draws too much power, preventing a fire hazard. * **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds safe operating limits (typically >125°C). * **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate if the input voltage is too low to guarantee a stable output. --- ### 4. Application Use Cases * **Computing:** Powering 3.3V rails on motherboards or server blades. * **Industrial:** PLCs (Programmable Logic Controllers) where 12V or 24V bus voltages need to be stepped down. * **Telecommunications:** Network switches and routers requiring high-efficiency point-of-load regulation.
    ✨ Follow-up Questions
    • ⤷What is the maximum thermal operating range for the W2XR series?
    • ⤷ Can this module be used in parallel to increase output current?
    • ⤷ What is the physical footprint size of the R2 version?