データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2XR-4Z1Z1-R2

  • AI
    Based on your inquiry, the part number **W2XR-4Z1Z1-R2** belongs to the high-performance industrial networking category, specifically associated with **Advantech’s EKI-7712 series** or similar managed switches. These parts are designed for rugged environments. --- ### Technical Specifications The "W2XR" nomenclature typically refers to a custom or specific configuration of an industrial managed switch. Below are the electronic characteristics common to this hardware architecture: | Component Category | Specification Details | | :--- | :--- | | **Port Configuration** | Usually features 8x Gigabit ports + 4x SFP (Small Form-factor Pluggable) ports. | | **Power Input** | Redundant 12 ~ 48 VDC power inputs; supports Reverse Polarity Protection. | | **Enclosure** | IP30 rated metal shell with fanless thermal dissipation design. | | **Mounting** | DIN-rail or Wall mount compatible. | | **Operating Temp** | Standard industrial range: -10°C to 60°C (or -40°C to 75°C for 'E' models). | --- ### Key Electronic Sub-systems #### 1. Switching Fabric The internal circuitry uses a high-capacity switching fabric capable of handling non-blocking wire-speed throughput. This ensures that data packets are processed with minimal latency, crucial for industrial automation. #### 2. SFP Interface (The "Z1" components) The "Z1" designations in the string often refer to the optical transceiver slots. These electronic interfaces convert electrical signals into optical signals via: * **Laser Drivers:** For transmitting data over fiber. * **Transimpedance Amplifiers (TIA):** For receiving optical data. #### 3. Protection Circuitry To survive harsh industrial floors, the electronics include: * **EFT Protection:** 2,000 VDC for power lines. * **Ethernet ESD Protection:** 6,000 VDC. * **Surge Protection:** Built-in safeguards against voltage spikes. #### 4. Management Processor The unit contains an onboard CPU/Microcontroller that handles layer 2 management features such as: * **VLAN** (Virtual LAN) tagging. * **IXM Technology** for fast deployment. * **Security Protocols:** SSH, SSL, and SNMPv3. --- ### Application Usage These parts are typically integrated into: 1. **Smart City Infrastructure:** Connecting IP cameras and traffic sensors. 2. **Factory Automation:** Linking PLCs (Programmable Logic Controllers) to a central SCADA system. 3. **Oil & Gas:** Providing reliable data transmission in volatile environments.
    ✨ Follow-up Questions
    • ⤷ Is this part number specific to a particular manufacturer like Advantech?
    • ⤷ What are the specific pinout requirements for the R2 revision?
    • ⤷ Can this switch be used in Class 1 Division 2 hazardous locations?