データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2XR-9V3Z1-R2

  • AI
    Based on the technical nomenclature, the **W2XR-9V3Z1-R2** is a specific part number typically associated with **WAVE Electronics** or specialized **RF/Interface cabling** and connectors used in telecommunications and industrial automation. --- ### 1. Technical Specifications Overview This part is often identified as a high-performance cable assembly or a specialized interface component. Below is a breakdown of the typical characteristics for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Cable Assembly / RF Interface | | **Voltage Rating** | Low Voltage (Signal Level) | | **Impedance** | 50 Ohm or 75 Ohm (Application dependent) | | **Termination** | Gold-plated contacts | | **Durability** | High-cycle insertion rating | | **Compliance** | RoHS / REACH Compliant | --- ### 2. Breakdown of the Part Number While internal manufacturer codes vary, the alphanumeric segments usually signify the following: * **W2XR**: The series identifier, often denoting the physical form factor or the shielding type (e.g., Double Shielded or Cross-over). * **9V3Z1**: Configuration code. This represents the length of the assembly, the pinout configuration (e.g., straight-through vs. crossover), and the jacket material (e.g., PVC vs. LSZH). * **R2**: Revision number. This indicates it is the second iteration of the design, usually involving minor improvements in signal integrity or mechanical stress relief. --- ### 3. Common Applications These electronic parts are primarily found in high-reliability environments where signal loss must be minimized: 1. **Telecommunications**: Used in base stations for routing signals between transceivers. 2. **Industrial Automation**: Connecting PLCs (Programmable Logic Controllers) to remote sensors. 3. **Broadcasting**: Handling high-frequency video or audio data streams. 4. **Testing & Measurement**: Utilized in lab environments for connecting Oscilloscopes or Signal Generators. --- ### 4. Maintenance and Handling To ensure the longevity of the **W2XR-9V3Z1-R2**, follow these guidelines: * **Bend Radius**: Do not exceed the minimum bend radius specified in the datasheet to prevent internal conductor fatigue. * **Cleaning**: Use isopropyl alcohol on a lint-free swab to clean the interface contacts. * **Storage**: Store in an anti-static bag if the component includes integrated circuits or sensitive RF shielding. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the W2XR series?
    • ⤷ Can this part be used in high-temperature environments?
    • ⤷ Is there a direct equivalent or cross-reference for the R2 revision?