データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5FV-0-R

  • AI
    The **W5FV-0-R** is a specific electronic component identifier, primarily associated with high-precision, surface-mount **Metal Foil Resistors**. These are often manufactured by companies like **Vishay Precision Group (VPG)** or specialized precision resistor brands. Below is a detailed breakdown of the technical specifications, characteristics, and applications for this part. --- ## 1. Technical Specifications The "W" series typically refers to a wire-bondable or surface-mount foil resistor designed for extreme stability. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Bulk Metal® Foil Resistor | | **Resistance Value** | Defined by the "0-R" (Often indicates a jumper/zero-ohm or base model) | | **Tolerance** | Can be as low as ±0.005% | | **Temperature Coefficient (TCR)** | ±0.2 ppm/°C to ±2 ppm/°C | | **Termination Style** | Surface Mount (SMD) / Wrap-around | | **Stability** | Load life stability of < 0.005% after 2,000 hours | --- ## 2. Key Characteristics ### A. Bulk Metal® Foil Technology Unlike standard thick-film or thin-film resistors, these use a cold-rolled foil bonded to a ceramic substrate. This provides: * **Low Noise:** Virtually no current noise or non-linearity. * **Thermal Stability:** The foil expands at a rate that offsets the change in resistance caused by temperature, resulting in a near-zero TCR. ### B. High Reliability The "R" suffix often denotes **RoHS compliance** (Lead-free), ensuring the part meets modern environmental standards for electronics manufacturing. ### C. Fast Response These resistors have very low inductance and capacitance, making them suitable for high-frequency applications where signal integrity is critical. --- ## 3. Applications Parts like the W5FV-0-R are rarely found in consumer electronics; they are reserved for high-precision environments: * **Metrology:** Calibration equipment and laboratory standards. * **Medical Imaging:** Precision gain control in MRI or CT scan sensors. * **Aerospace & Defense:** Guidance systems and satellite communication where temperature fluctuations are extreme. * **Audio Equipment:** High-end "audiophile" grade pre-amplifiers to minimize distortion. --- ## 4. Coding Structure (Typical Breakdown) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: | Segment | Meaning | | :--- | :--- | | **W5** | Series/Body Style (Size and power rating) | | **FV** | Specific variation (e.g., Gold plating for wire bonding or specific TCR range) | | **0-R** | Resistance value (0-R usually indicates a 0 Ohm jumper or a base configuration) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Bulk Metal Foil and Thin Film resistors?
    • ⤷ How does TCR (Temperature Coefficient of Resistance) impact precision circuits?
    • ⤷ Can the W5FV-0-R be used in high-frequency RF applications?