データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5FV-2-R

  • AI
    The **W5FV-2-R** is an electronic component primarily classified as a **high-frequency transformer** or a **directional coupler**, often utilized in Radio Frequency (RF) and telecommunications equipment. --- ### 1. Key Technical Specifications The "W5FV" series typically adheres to the following general characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | RF Transformer / Balun / Directional Coupler | | **Mounting Type** | Surface Mount (SMD) | | **Configuration** | 5-Pin or 6-Pin configuration (typical for wideband) | | **Impedance** | Usually 50Ω or 75Ω (Standard RF impedance) | | **Operating Temperature** | -40°C to +85°C | ### 2. Physical Construction The part is designed for automated assembly processes. Its structure usually includes: * **Ferrite Core:** High-permeability core to minimize signal loss at high frequencies. * **Winding:** Precision copper wire windings to ensure consistent coupling ratios. * **Base/Case:** Heat-resistant plastic or ceramic base suitable for reflow soldering. * **Lead Finish:** Tin-plated (indicated by the **-R** suffix, often denoting RoHS compliance). ### 3. Functional Applications The W5FV-2-R is commonly found in the following circuit types: 1. **Impedance Matching:** Connecting a source with one impedance to a load with a different impedance to maximize power transfer. 2. **Signal Splitting:** Dividing an incoming signal into two balanced outputs. 3. **DC Isolation:** Providing galvanic isolation between different sections of an RF circuit while allowing the signal to pass. 4. **CATV/Broadband:** Widely used in cable TV equipment and broadband modems for signal distribution. ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Macom or Toko/Murata), the breakdown usually follows this logic: * **W5FV:** Series designation (Physical size and core type). * **2:** Turn ratio or specific configuration variant. * **R:** Tape and Reel packaging or RoHS Compliance. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss ratings for the W5FV-2-R?
    • ⤷ Which manufacturers produce the W5FV-2-R component?
    • ⤷ Can this part be used in 5G telecommunication base stations?