データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5FV-F-R

  • AI
    Based on the component designation **W5FV-F-R**, this part belongs to a specific category of **chip inductors / ferrite beads**, commonly used in electromagnetic interference (EMI) suppression and high-frequency filtering. --- ## 1. Component Overview The W5FV series typically refers to high-frequency chip beads or power inductors designed for surface-mount technology (SMT). The suffixes indicate specific characteristics regarding tolerance, packaging, and physical dimensions. ### Technical Specifications | Parameter | typical Specification | | :--- | :--- | | **Component Type** | Ferrite Chip Bead / Inductor | | **Mounting Type** | Surface Mount (SMD) | | **Material** | Ferrite Core | | **Configuration** | Multilayer or Wire-wound | | **Operating Temp** | -40°C to +125°C (standard) | --- ## 2. Part Number Breakdown (W5FV-F-R) While naming conventions vary slightly by manufacturer (such as Walsin or similar passive component makers), the codes usually represent the following: * **W5FV**: The Series code. This defines the material properties and the physical size of the chip. * **F**: Likely represents the **Tolerance** (e.g., ±1% or ±10%, depending on the specific datasheet) or a **Lead-free** designation. * **R**: Generally stands for **Taping & Reel** packaging, indicating it is supplied on a reel for automated pick-and-place machines. --- ## 3. Key Electronic Functions The W5FV-F-R performs several critical roles in a circuit: 1. **Noise Suppression**: It acts as a low-pass filter, allowing DC and low-frequency signals to pass while providing high impedance to high-frequency noise. 2. **Impedance Matching**: Used in RF circuits to match the impedance between different stages to ensure maximum power transfer. 3. **EMI Shielding**: Prevents electromagnetic interference from exiting the device or affecting sensitive internal components. --- ## 4. Typical Applications These components are found in high-density electronic assemblies, including: * **Mobile Devices**: Smartphones and tablets (for power line filtering). * **Computing**: Motherboards and high-speed data bus lines. * **Consumer Electronics**: Smart TVs and audio equipment. * **Automotive**: Infotainment systems and sensor modules. --- ## 5. Equivalent Circuit In high-frequency analysis, this part is modeled as: ```spice [Input] ----(Inductor L)----(Resistor R)---- [Output] | (Capacitor C) | [Ground] ``` *At low frequencies, it acts as a short circuit (low resistance). At high frequencies, the impedance increases, dissipating noise as heat.*
    ✨ Follow-up Questions
    • ⤷ What is the exact physical size/package code (e.g.
    • ⤷ 0603
    • ⤷ 0805) for this part?
    • ⤷ Can you provide the specific impedance rating at 100MHz for the W5FV-F-R?
    • ⤷ What are the recommended soldering profiles for this ferrite bead?