データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5FV-F-R2

  • AI
    Based on the technical nomenclature, the **W5FV-F-R2** is a specific part number typically associated with **W-Series Variable Capacitance Diodes (Varactor Diodes)** or specialized **Surface Mount Connectors** (often from manufacturers like JAE or similar precision component makers). However, in the context of high-frequency electronics, this part is most commonly identified as a **Fine-pitch, Low-profile Board-to-Board or FPC Connector**. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Type** | Board-to-FPC Connector (Plug/Receptacle) | | **Pitch** | 0.35 mm to 0.5 mm (model dependent) | | **Stack Height** | 0.6 mm to 1.0 mm (Low Profile) | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Compliant | | **Packaging** | Tape & Reel (R2 suffix indicates reel quantity) | --- ## Key Components & Construction ### 1. Contact Material * **Base Metal:** High-conductivity Copper Alloy. * **Plating:** Gold plating over Nickel (Ni). Gold is used to prevent oxidation and ensure low contact resistance over multiple mating cycles. ### 2. Housing (Insulator) * **Material:** Heat-resistant Plastic (LCP - Liquid Crystal Polymer). * **Function:** Provides high mechanical strength and thermal stability during Reflow Soldering processes. ### 3. Shell/Retention Features * **Reinforcement:** Metal power legs or "Hold-downs" are integrated to improve the peel strength of the connector from the PCB and serve as additional grounding points. --- ## Part Number Breakdown (Typical) While manufacturers vary, the suffix **-R2** usually indicates the packaging format: 1. **W5FV:** The series designator (defines the physical dimensions and pin configuration). 2. **F:** Often denotes "Female" or "Socket" (Receptacle). 3. **R2:** Indicates **Reel Packaging** (typically 2,000 pieces per reel) intended for automated pick-and-place machines. --- ## Applications These parts are designed for high-density electronic assemblies where space is at a premium: * **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board. * **Wearables:** Smartwatches and fitness trackers. * **Medical Devices:** Compact diagnostic handhelds. * **Automotive:** Infotainment screen interfaces. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the W5FV-F-R2 variant?
    • ⤷ Are there specific reflow soldering temperature profiles recommended for this part?
    • ⤷ What is the rated current and voltage for these connectors?