データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5LCS-15212-R

  • AI
    ## Technical Overview: W5LCS-15212-R The **W5LCS-15212-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor, often utilized in high-density power conversion modules and DC-DC converters. --- ### 1. Key Technical Specifications Based on standard industry nomenclature for this series, the following table outlines the typical electrical and physical characteristics: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Inductance** | 1.2 | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~1.5 - 2.0 (Max) | mΩ | | **Saturation Current (Isat)** | ~15 - 18 | A | | **Operating Temperature** | -40 to +125 | °C | | **Mounting Type** | Surface Mount (SMD) | - | --- ### 2. Component Composition The "W5LCS" series generally features a composite construction designed for high efficiency: * **Core Material:** Usually a Metal Alloy powder core. This provides excellent saturation characteristics compared to traditional ferrite cores, allowing for higher current handling in a smaller footprint. * **Shielding:** Magnetically shielded construction to minimize Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Terminations:** Lead-free (RoHS compliant) tin plating over copper for reliable soldering. --- ### 3. Part Number Breakdown While manufacturer codes vary slightly, the numbering usually follows this logic: 1. **W5LCS:** Series identifier (High-current, low-profile alloy inductor). 2. **15212:** Physical dimensions (e.g., approx. 15mm x 12mm footprint). 3. **R:** Often denotes the packaging type (Tape & Reel) or a specific revision. --- ### 4. Common Applications Due to its high current rating and low DCR, this part is commonly found in: * **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs. * **Server/Data Centers:** High-efficiency power distribution. * **Automotive Electronics:** Infotainment and ADAS power rails. * **DC-DC Converters:** Point-of-Load (POL) converters.
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering profiles for the W5LCS series?
    • ⤷ How does the saturation current of an alloy core compare to a ferrite core?
    • ⤷ Are there equivalent alternatives from brands like Vishay or TDK?