データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5LCS-3221-R

  • AI
    ### Analysis of the W5LCS-3221-R The **W5LCS-3221-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD)** power inductor. It is widely used in power management circuits, such as DC-DC converters, to store energy and filter noise. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics associated with this part number: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 2.2 µH (Nominal) | | **Tolerance** | ±20% | | **Shielding** | Magnetically Shielded (Low EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite / Ferrite based | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Features 1. **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation, ensuring high efficiency in battery-operated devices. 2. **High Saturation Current ($I_{sat}$):** The core material is engineered to handle significant current peaks without the inductance dropping significantly, which is critical for stable voltage regulation. 3. **Magnetic Shielding:** The "LCS" series usually features a shielded construction. This prevents electromagnetic interference (EMI) from affecting surrounding sensitive components on the PCB. 4. **Compact Footprint:** The "3221" designation often refers to the physical dimensions (approximately 3.2mm x 2.5mm or similar, depending on the manufacturer's specific grid). --- ### Common Applications * **Mobile Electronics:** Smartphones, tablets, and wearables where space is at a premium. * **DC-DC Converters:** Used in Buck, Boost, and Buck-Boost topologies. * **Computing:** Power rails for CPUs and GPUs in portable laptops. * **IoT Devices:** Low-power sensors requiring stable voltage filtering. --- ### Circuit Example (Typical Usage) In a standard Buck Converter, the inductor is placed after the switching transistors to smooth the output current: ```text Input (Vin) --> [Switching Controller] --> [W5LCS-3221-R] --> Output (Vout) | [Capacitor] | Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W5LCS-3221-R?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ How does the 'R' suffix affect the packaging or RoHS compliance?