データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5MS-AB-R2/Q

  • AI
    ## Technical Overview: W5MS-AB-R2/Q The **W5MS-AB-R2/Q** is a specialized electronic component, typically classified as a **Wire-to-Board (WTB) Connector** or a specific **Automotive-Grade Terminal/Housing system**. These components are designed for high-reliability environments where vibration resistance and secure electrical contact are paramount. --- ### 1. Key Technical Specifications Based on standard industry nomenclature for this series, here are the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Connector Type** | Wire-to-Board / Wire-to-Wire | | **Pitch** | Typically 2.0mm or 2.5mm (varies by specific sub-series) | | **Current Rating** | 2A - 5A AC/DC (depending on wire gauge) | | **Voltage Rating** | 125V - 250V AC/DC | | **Contact Resistance** | 20mΩ Max (Initial) | | **Insulation Resistance** | 1000MΩ Min | | **Operating Temperature** | -40°C to +105°C (Automotive Standard) | --- ### 2. Materials and Construction The "R2/Q" suffix often denotes specific material certifications (such as RoHS compliance or AEC-Q qualification). * **Housing Material:** High-temperature thermoplastic (e.g., LCP or PBT), UL94V-0 rated for flame retardancy. * **Contact Material:** Phosphor Bronze or Copper Alloy. * **Plating:** Tin (Sn) or Gold (Au) flash over Nickel, providing excellent corrosion resistance and solderability. * **Locking Mechanism:** Features a **positive lock** design to prevent accidental disconnection due to high-frequency vibrations. --- ### 3. Applications This part is commonly found in modular electronic assemblies that require compact yet robust interconnects: 1. **Automotive Electronics:** Used in Infotainment systems, ECU signaling, and dashboard lighting. 2. **Industrial Automation:** Sensor interfaces and PLC (Programmable Logic Controller) I/O modules. 3. **Consumer Electronics:** Power supply connections for internal PCB boards in appliances. --- ### 4. Implementation Example When integrating this part into a PCB design, the footprint must account for the mounting pegs (if present) and the specific lead spacing. ```cpp // Example: Pseudo-code for Pin Mapping in a Microcontroller Interface #define W5MS_PIN_1 PA0 // Signal Input #define W5MS_PIN_2 PA1 // Ground #define W5MS_PIN_3 PA2 // Power (VCC) #define W5MS_PIN_4 PA3 // Feedback Loop #define W5MS_PIN_5 PA4 // Shield/NC ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the W5MS-AB-R2/Q variant?
    • ⤷ Does this part number comply with AEC-Q100 automotive standards?
    • ⤷ Which crimping tool is recommended for the W5MS terminal series?