データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5TS-1D2-R2

  • AI
    ## W5TS-1D2-R2: Electronic Component Overview The **W5TS-1D2-R2** is a specialized electronic component, typically categorized as a **contactless power transmission module** or a high-frequency **AC power adapter/rectifier unit** (often associated with Omron’s automation and wireless power transfer lineups). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical parameters of the W5TS series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Wireless/Contactless Power Receiver | | **Input Voltage (AC)** | 100V to 240V (Model dependent) | | **Output Voltage** | 12V DC / 24V DC | | **Current Rating** | ~0.5A to 1.0A (Typical) | | **Operating Frequency** | High-frequency Induction (kHz range) | | **Operating Temperature** | -10°C to +55°C | | **Environmental Protection** | Often rated IP67 (Dust/Water resistant) | --- ### 2. Core Electronic Parts & Functions The internal circuitry of a W5TS-1D2-R2 consists of several critical stages: 1. **Induction Coil:** The primary "antenna" that receives energy through magnetic induction from a compatible transmitter unit. 2. **Rectification Circuit:** Converts the induced high-frequency AC signal into a pulsating DC signal. 3. **Voltage Regulator:** Stabilizes the output to a consistent 12V or 24V DC to protect the connected load from fluctuations. 4. **Signal Demodulator:** Many of these units include electronics to handle "ID" signals, ensuring power is only delivered when a compatible receiver is detected. 5. **Status LEDs:** Built-in indicators for power status and communication alignment. --- ### 3. Functional Features * **Contactless Operation:** Eliminates the need for physical pins or plugs, reducing wear and tear in moving parts (like robotic arms or rotating tables). * **Galvanic Isolation:** Because energy is transferred via a magnetic field, the input and output sides are electrically isolated, improving safety. * **Alignment Tolerance:** Designed to operate even with slight axial misalignment between the transmitter and the receiver. --- ### 4. Typical Applications * **Rotary Tables:** Providing power to sensors or actuators on a spinning platform without slip rings. * **Robotic End-Effectors:** Powering tools at the end of a robot arm where cables would fatigue and break. * **Harsh Environments:** Used in wash-down areas (food processing) where traditional electrical connectors would corrode. --- ### 5. Wiring Diagram (Logic) While specific pinouts depend on the sub-revision, the general wiring logic is as follows: ```text [Transmitter Side] <--- Magnetic Field ---> [W5TS-1D2-R2 Receiver] | |--> Brown (V+) |--> Blue (0V) |--> Black (Signal/Control) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance between the transmitter and the W5TS-1D2-R2?
    • ⤷ Is this module compatible with standard Qi wireless charging devices?
    • ⤷ What are the common failure modes for contactless power modules in industrial settings?