データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5TS-2D4-R/Q

  • AI
    The **W5TS-2D4-R/Q** is a specialized electronic component, typically classified as a **High-Power Surface Mount Resistor** or a **Current Sense Resistor**, often utilized in automotive and industrial power electronics. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The part belongs to a class of components designed for high-current handling and precision sensing. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Current Sense Resistor / Shunt | | **Configuration** | 2-Terminal or 4-Terminal (Kelvin connection) | | **Mounting Type** | Surface Mount (SMD) | | **Material** | Metal Alloy (Manganin or similar) | | **Precision** | High Tolerance (often ±1% or better) | | **Application** | Battery Management Systems (BMS), DC-DC Converters | ### 2. Key Electronic Features * **Low Resistance Value:** These parts are engineered with extremely low ohmic values (mili-ohms range) to minimize power dissipation while allowing for current measurement. * **High Power Rating:** Designed to withstand significant wattage without thermal failure, often featuring a robust metallic construction that acts as a heat sink. * **Kelvin Connection (4-Terminal):** The "2D4" designation often implies a specific terminal configuration. In a 4-terminal setup, two terminals carry the main current, while the other two are used for voltage sensing. This eliminates the effect of lead resistance, ensuring high accuracy. * **TCR (Temperature Coefficient of Resistance):** These parts feature a very low TCR, meaning their resistance value remains stable even as the component heats up during operation. ### 3. Pinout and Circuit Role In a typical circuit, the W5TS-2D4-R/Q acts as a **Shunt**. ```mermaid graph LR A[Current Input] --> B[W5TS Resistor] B --> C[Current Output] B -- Sense Line 1 --- D[ADC/Controller] B -- Sense Line 2 --- D ``` ### 4. Part Number Breakdown (General Pattern) * **W5TS:** Series identifier (High power/Current sense). * **2D4:** Package size or terminal configuration (often relating to the physical footprint). * **R/Q:** Tolerance and Packaging codes (e.g., Reel vs. Bulk, or specific automotive grade certifications like AEC-Q200). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and power rating for this specific model?
    • ⤷ How does a 4-terminal Kelvin connection improve measurement accuracy?
    • ⤷ What are the common footprints or physical dimensions for the W5TS series?