データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W5TS-323-R

  • AI
    The **W5TS-323-R** is a specific electronic component within the category of **Surface Mount (SMT) Connectors** or **Terminal Blocks**, often associated with power connectivity and high-current PCB mounting. Below is a detailed breakdown of its technical aspects and electronic characteristics. --- ### 1. Technical Specifications The following table highlights the typical electronic and physical properties of the W5TS series: | Property | Description | | :--- | :--- | | **Component Type** | SMT Terminal / Power Connector | | **Mounting Type** | Surface Mount Technology (SMT) | | **Termination Method** | Solder | | **Current Rating** | High Current Capacity (varies by board trace) | | **Contact Material** | Copper Alloy | | **Plating** | Tin (Sn) or Gold (Au) flash | | **Packaging** | Tape and Reel (indicated by the "-R" suffix) | --- ### 2. Key Electronic Features #### A. Surface Mount Design (SMT) The part is designed for automated assembly. Unlike traditional through-hole terminals, the W5TS-323-R sits on the surface of the PCB. This allows for: * **Space Efficiency:** Components can be mounted on both sides of the board. * **Reduced Resistance:** Shorter paths between the connector and the PCB traces. #### B. The "-R" Suffix In electronic part numbering, the **-R** suffix almost always indicates **Tape and Reel** packaging. This is critical for high-speed Pick-and-Place (PnP) machines used in modern manufacturing lines. #### C. Power Handling These parts are typically used as "bus bars" or power entry points. They provide a robust physical interface for wires or screws to connect high-current loads to a delicate PCB circuit. --- ### 3. Application Use Cases * **Power Supplies:** Used as an interface for input/output power cables. * **Industrial Automation:** Connecting sensors or actuators to a control board. * **Automotive Electronics:** High-vibration environments where a secure, soldered power connection is required. * **LED Drivers:** Providing high-current power to large LED arrays. --- ### 4. Integration Example (Pseudo-Code for BOM) When integrating this part into a design project, your Bill of Materials (BOM) entry would look like this: ```json { "PartNumber": "W5TS-323-R", "Category": "Connectors", "SubCategory": "SMT Terminal Block", "Package": "Tape & Reel", "Function": "High-current PCB power interface" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the W5TS-323-R?
    • ⤷ Is this component RoHS compliant?
    • ⤷ What are the recommended reflow soldering profiles for this part?