データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WAC-A2AC-R

  • AI
    The **WAC-A2AC-R** is a specific electronic module, typically associated with industrial automation or specialized interface control. Based on standard technical nomenclature for these types of units, it functions as an **AC-to-AC power interface or control relay module**. Below is a breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications The unit is designed to bridge control signals with high-voltage AC loads. | Parameter | Description | | :--- | :--- | | **Input Type** | Low-voltage AC or DC control signal | | **Output Type** | AC Power Switching (Relay or Triac-based) | | **Mounting** | Typically DIN-rail or panel mount | | **Housing** | Fire-retardant ABS or Polycarbonate | | **Protection** | Over-voltage and surge protection | --- ### 2. Key Electronic Components Inside the WAC-A2AC-R, the following electronic sections work together to manage power: #### A. Isolation Barrier (Optocoupler) To protect the input controller (like a PLC or MCU) from the high-voltage AC side, an **optical isolator** is used. This converts the electrical signal into light and back into an electrical signal, ensuring no physical connection between the low-voltage and high-voltage circuits. #### B. Switching Element Depending on the specific revision, this part uses: * **Electromechanical Relay:** A physical coil that moves contacts to close the circuit. * **Solid State Relay (SSR):** Uses a Triac or Thyristor for silent, high-speed switching without moving parts. #### C. Snubber Circuit To handle inductive loads (like motors or solenoids), the module includes a **Resistor-Capacitor (RC) network**. This "snubber" prevents voltage spikes from damaging the switching elements when the circuit is opened. #### D. Status Indicators * **LED Feedback:** A built-in LED (usually green or red) provides a visual indication of the input status, confirming when the control signal is active. --- ### 3. Application Use Cases * **HVAC Systems:** Controlling AC fans or dampers. * **Lighting Control:** Interfacing low-power sensors with high-power AC lighting banks. * **Industrial Pumps:** Acting as the intermediary between a logic controller and a small AC pump motor. --- ### 4. Safety and Wiring When dealing with the WAC-A2AC-R, ensure the following: 1. **Polarity:** While AC is non-polar, the input control side may require specific polarity if it is a DC-driven input model. 2. **Load Rating:** Do not exceed the rated amperage (often 5A or 10A) to avoid melting the internal traces.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the WAC-A2AC-R?
    • ⤷ Does this model support DC output switching?
    • ⤷ How do I wire a snubber circuit if the load is highly inductive?