データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WAC-ACAD-R

  • AI
    The **WAC-ACAD-R** is an auxiliary power adapter board typically used in access control systems (such as those by Vanderbilt or ACT). It is designed to facilitate power distribution and signal relay between a central controller and peripheral devices like door locks, readers, and sensors. --- ### 1. Key Electronic Components The board consists of several critical electronic sections designed for protection and switching: | Component | Description | Function | | :--- | :--- | :--- | | **Relay Units** | Electromechanical switches | Used to toggle power to high-draw devices (e.g., magnetic locks). | | **Terminal Blocks** | Screw-down connectors | Provides physical interfaces for input power, grounds, and signal wires. | | **Fuses / PTCs** | Overcurrent protection | Resettable fuses that protect the board from short circuits or draws. | | **LED Indicators** | Status Diodes | Visual feedback for Power (PWR), Relay Status, and Faults. | | **Voltage Regulators** | DC-DC conversion | Ensures consistent voltage (typically 12V or 24V) reaches sensitive chips. | --- ### 2. Technical Specifications Generally, the WAC-ACAD-R operates within the following parameters: * **Input Voltage:** Usually 12V DC or 24V DC (system dependent). * **Relay Contact Rating:** Typically rated up to 2A - 5A at 30V DC. * **Mounting:** Designed for DIN rail or proprietary enclosure standoffs. * **Interface:** Connects to the main ACAD (Access Control Advanced Door) controller via a ribbon cable or proprietary bus. --- ### 3. Connection Overview The board acts as a bridge. Below is a simplified representation of the wiring logic: ```mermaid graph LR A[Power Supply] --> B[WAC-ACAD-R] C[Main Controller] --> B B --> D[Electric Strike/Mag Lock] B --> E[Request to Exit Button] ``` --- ### 4. Common Troubleshooting Parts If the board fails, electronic technicians usually inspect the following in order: 1. **The Fuse:** Check for continuity if the board has no power LEDs. 2. **The Relay:** Listen for a "click" when the door is triggered; if no click occurs, the relay coil may be dead. 3. **Terminal Connections:** Look for "cold" solder joints or loose wires that cause intermittent power drops.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for connecting a magnetic lock to this board?
    • ⤷ Can the WAC-ACAD-R handle both 12V and 24V outputs simultaneously?
    • ⤷ How do I reset the PTC fuses on this module?