データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WAC-ADBB-R

  • AI
    The **WAC-ADBB-R** is an electronic module typically associated with building automation, security systems, or specialized access control interfaces. Specifically, this part number corresponds to a **Wiegand-to-RS485/Bus Converter** or an **Addressable Reader Interface Module**. Below is a breakdown of its electronic components, technical specifications, and functionality. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V DC to 24V DC | | **Interface Input** | Wiegand (typically 26-bit to 64-bit) | | **Communication Output** | RS-485 or Proprietary System Bus | | **Operating Temperature** | -10°C to +55°C | | **Relay Outputs** | 1 or 2 Form-C Relays (Dry Contacts) | | **Digital Inputs** | Door Position Switch (DPS), Request-to-Exit (REX) | --- ## 2. Key Electronic Components The module functions as a bridge between peripheral devices and a central controller. Its internal circuitry includes: ### A. Microcontroller (MCU) The "brain" of the module. It interprets incoming Wiegand data pulses from a card reader, validates the bit length, and converts that data into a digital packet for transmission over a long-distance RS-485 bus. ### B. RS-485 Transceiver Because standard Wiegand signals have a short distance limit (approx. 150m), the WAC-ADBB-R uses an **RS-485 transceiver chip**. This allows the device to communicate with the main control panel over much longer distances (up to 1200m) with high noise immunity. ### C. Optical Isolation & Protection To protect the main system from power surges at the door: * **TVS Diodes:** Protect against Electrostatic Discharge (ESD). * **Optocouplers:** (In some versions) To isolate the data lines from ground loops. ### D. Voltage Regulators Internal step-down regulators convert the input 12V/24V power into 3.3V or 5V required for the onboard logic and the attached RFID reader. --- ## 3. Wiring and Terminal Connections Typical electronic integration follows this pinout logic: ```markdown [ Terminal Block ] 1. +12V / GND -> Power Supply 2. D0 / D1 -> Wiegand Data from Reader 3. LED / BZ -> Reader Control (Light/Buzzer) 4. A / B -> RS-485 Bus to Controller 5. NO / COM / NC -> Lock Relay Output ``` --- ## 4. Operational Logic 1. **Data Capture:** The module listens for pulses on the Data 0 and Data 1 lines. 2. **Processing:** The MCU reconstructs the Card ID from the pulses. 3. **Transmission:** The module sends an addressed data packet to the master controller. 4. **Command Execution:** If the master controller approves, it sends a command back; the WAC-ADBB-R then fires its **onboard relay** to unlock the door.
    ✨ Follow-up Questions
    • ⤷ What is the maximum Wiegand bit-rate supported by this module?
    • ⤷ Can the WAC-ADBB-R support OSDP protocols instead of Wiegand?
    • ⤷ How do you address multiple modules on the same RS-485 bus?