データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WADS-16BA-R

  • AI
    The **WADS-16BA-R** is a high-performance, ultra-compact DC-DC converter module, typically utilized in industrial and telecommunications applications where space is limited but power density requirements are high. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics for the WADS-16BA-R: | Parameter | Value/Range | | :--- | :--- | | **Input Voltage Range** | 18V - 75V DC (Wide 4:1 Input) | | **Output Voltage** | 12V DC (Regulated) | | **Output Current** | 1.3A - 1.5A (Approximate) | | **Power Rating** | 16W - 20W | | **Efficiency** | Up to 88% - 90% | | **Package Type** | DIP / SMT (Application dependent) | | **Isolation Voltage** | 1500V DC (Input to Output) | --- ### 2. Main Electronic Components & Features The internal circuitry of the WADS-16BA-R consists of several critical stages: 1. **Input Filter:** Includes integrated capacitors and an inductor to reduce reflected ripple current and provide basic EMI suppression. 2. **PWM Controller:** A high-frequency pulse-width modulation chip that manages the switching cycle to maintain a stable output voltage despite fluctuations in input. 3. **Isolation Barrier:** Uses a high-frequency transformer to provide galvanic isolation between the input (source) and output (load), protecting sensitive downstream components. 4. **Synchronous Rectification:** Modern versions often use MOSFETs instead of diodes for rectification to minimize heat dissipation and maximize efficiency. 5. **Protection Circuitry:** * **OCP (Over Current Protection):** Auto-recovery mode if the load exceeds limits. * **OVP (Over Voltage Protection):** Clips output to prevent damage. * **OTP (Over Temperature Protection):** Shuts down the unit if internal thermals exceed safety thresholds. --- ### 3. Pin Configuration (Typical) While physical footprints can vary, the standard "BA" series usually follows this layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 3 | Remote ON/OFF | Control pin to enable/disable the module | | 4 | +Vout | Positive Output Voltage | | 5 | -Vout | Negative Output Voltage | | 6 | Trim | Optional: Allows fine-tuning of output voltage | --- ### 4. Application Use Cases * **Telecommunications:** Powering remote sensors or micro-cells. * **Industrial Automation:** Distributed power architectures on PLCs. * **Data Communications:** Providing isolated power to networking interfaces (Ethernet/CAN bus).
    ✨ Follow-up Questions
    • ⤷ What is the thermal derating curve for the WADS-16BA-R at high ambient temperatures?
    • ⤷ Does this model support external synchronization of the switching frequency?
    • ⤷ What are the specific dimensions of the 'BA' package footprint?