データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WBD-R

  • AI
    The **WBD-R** series typically refers to heavy-duty, high-performance **Wireless Battery Drills** or specific industrial **Rotary Actuators/Drives** (depending on the specific manufacturer, often associated with brands like Panasonic or specialized RC/Robotic components). Below is a breakdown of the core electronic components found in these systems, focusing on the electronic architecture of a high-end cordless rotary tool or actuator system. ### Core Electronic Components of WBD-R Systems | Component | Function | Description | | :--- | :--- | :--- | | **Brushless DC Motor (BLDC)** | Power Generation | Uses electronic commutation instead of brushes, increasing efficiency and lifespan. | | **Electronic Control Unit (ECU)** | Processing | The "brain" of the tool. It monitors torque, speed, and thermal limits. | | **MOSFET Bridge** | Power Switching | High-current transistors (usually 6) that switch power to the motor phases. | | **Hall Effect Sensors** | Position Feedback | Detects the rotor's position to ensure smooth startup and precise speed control. | | **BMS (Battery Management System)** | Protection | Manages cell balancing, overcharge protection, and thermal monitoring. | | **Potentiometer Trigger** | Input Signal | A variable resistor that translates finger pressure into a voltage signal for the ECU. | --- ### Technical Sub-Systems #### 1. The Controller Logic The WBD-R electronics usually employ a **Microcontroller (MCU)** that runs PID (Proportional-Integral-Derivative) loops. This allows the tool to maintain a constant RPM even as the load increases. * **Overload Protection:** If the current draw exceeds a preset threshold (e.g., 40A), the ECU cuts power to prevent the windings from melting. * **Communication Bus:** Higher-end models may include a communication pin (UART or I2C) to talk to the battery "smart chip." #### 2. Power Conversion Because these tools often run on 18V - 36V Lithium-Ion platforms, the electronics must handle high peak currents. * **Capacitor Bank:** Large electrolytic capacitors are used to smooth voltage ripples caused by high-frequency switching. * **Heat Sinks:** The MOSFETs are typically mounted to an aluminum plate or potted in thermally conductive resin to dissipate heat. #### 3. LED Driver Circuitry Most WBD-R units include an auxiliary circuit for: * Worklight illumination (with a delay-off timer). * Battery Level Indicator (Fuel Gauge) using a simple voltage comparator or dedicated IC. --- ### Electronic Specifications (Typical) ```json { "voltage_range": "18V - 24V DC", "max_current_peak": "60A", "switching_frequency": "16kHz - 20kHz", "protection_rating": "IP54 (Electronic Encapsulation)", "sensor_type": "Digital Hall Sensors" } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the brushed and brushless electronic layouts in the WBD series?
    • ⤷ How does the BMS communicate with the ECU to prevent cell undervoltage?
    • ⤷ Can the firmware on the WBD-R controller be updated for torque adjustments?