データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WCT-1BD-R

  • AI
    The **WCT-1BD-R** is an electronic component primarily associated with **Power Conversion and Induction Heating** modules, specifically used in wireless charging transmitters or induction cooking controllers. Below is an analysis of its electronic characteristics and functional role. --- ## 1. Component Overview The WCT-1BD-R is typically a **Wireless Charging Transmitter (WCT)** module or a specialized Integrated Circuit (IC) designed for BPP (Baseline Power Profile) or EPP (Extended Power Profile) standards. | Feature | Specification | | :--- | :--- | | **Primary Function** | Wireless Power Transfer Control | | **Input Voltage** | Typically 5V to 12V DC | | **Efficiency** | >75% (Depending on coil alignment) | | **Standards Compliance** | Qi-Compatible (WPC) | | **Mounting Type** | Surface Mount (SMD) | --- ## 2. Key Electronic Internal Parts The module consists of several critical sub-blocks that manage energy transfer: ### A. Power Bridge (Inverter) Most WCT modules include or control a **Full-Bridge or Half-Bridge MOSFET inverter**. * **Role:** Converts DC input into High-Frequency AC (usually between 110kHz and 205kHz). * **Part Type:** N-Channel MOSFETs with low $R_{DS(on)}$. ### B. Resonance Capacitor Bank * **Role:** Works in series with the external induction coil to create a resonant LC circuit. * **Part Type:** High-voltage C0G/NP0 ceramic capacitors to ensure thermal stability and low loss. ### C. Communication & Demodulator * **Role:** The "R" suffix often indicates a receiver-feedback monitoring capability. It decodes small voltage fluctuations (ASK - Amplitude Shift Keying) sent by the device being charged. * **Part Type:** Operational Amplifiers and Comparators. ### D. PWM Controller (The Logic Core) * **Role:** The brain of the WCT-1BD-R. It adjusts the frequency or duty cycle to regulate power output based on the feedback from the device. --- ## 3. Pin Configuration & Connectivity While specific pinouts vary by manufacturer (often NXP or specialized Chinese semi-conductors), a standard WCT-1BD-R follows this logical layout: | Pin Category | Description | | :--- | :--- | | **VIN / GND** | Main power supply input. | | **COIL1 / COIL2** | Connection points for the induction copper coil. | | **LED / Buzzer** | Status indicators for charging/error states. | | **FOD (Foreign Object Dection)** | Input for sensing metal objects that could overheat. | | **NTC** | Negative Temperature Coefficient resistor input for thermal protection. | --- ## 4. Typical Application Circuit In a standard implementation, the WCT-1BD-R acts as the central controller: 1. **Input Filtering:** Electrolytic and Ceramic caps stabilize the 9V/12V rail. 2. **Logic Processing:** The IC checks for a valid Qi-compatible receiver. 3. **Power Delivery:** The IC drives the MOSFETs to pulse energy into the primary coil. 4. **Protection:** If the **NTC** detects temperatures above 60°C, the IC throttles or cuts power.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the WCT-1BD-R and the standard WCT-15W series?
    • ⤷ How does the Foreign Object Detection (FOD) circuit work in this specific module?
    • ⤷ Can this part be used for DIY Qi-charging projects with a 5V input?