データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WCT-5AB-R

  • AI
    The **WCT-5AB-R** is an automotive-grade Wireless Charging Transmitter (WCT) module, typically associated with NXP’s wireless power solutions. It is designed to comply with the Qi wireless charging standard (WPC) for vehicle integration. --- ### 1. Core Technical Specifications The module is built to handle the rigorous electrical and thermal demands of the automotive environment. | Feature | Specification | |:--- |:--- | | **Standard** | Qi-certified (typically WPC v1.2.x or higher) | | **Power Output** | 5W (Basic Power Profile - BPP) to 15W (Extended Power Profile - EPP) | | **Input Voltage** | 9V - 16V DC (Standard Automotive Rail) | | **Topology** | Multi-coil system (often 3-coil) for better positioning tolerance | | **Frequency Range** | 110 kHz - 205 kHz | --- ### 2. Key Electronic Components The "R" in the suffix often denotes a specific revision or Reference design. The architecture generally consists of the following subsystems: #### A. Microcontroller (The Brain) Typically powered by an **NXP MWCT series** (e.g., MWCT1013 or MWCT1xx) digital controller. This chip manages: * PWM (Pulse Width Modulation) for the power stage. * Communication with the mobile device (Backscatter modulation). * Foreign Object Detection (FOD). #### B. Power Stage (Inverter) Uses high-performance **MOSFETs** configured in a Full-Bridge or Half-Bridge topology. These switch the DC input into high-frequency AC to drive the primary induction coils. #### C. Resonance & Tank Circuit Consists of high-quality **C0G/NP0 Ceramic Capacitors** and the induction coils. These are tuned to specific resonant frequencies to ensure maximum power transfer efficiency. #### D. Protection Circuitry * **EMI/EMC Filtering:** Essential for automotive use to prevent interference with the car's AM/FM radio or Keyless Entry systems. * **Thermal Sensors:** NTC thermistors to monitor temperature and prevent overheating. * **Voltage Regulators:** LDOs or Buck converters to step down the 12V car battery to 3.3V/5V for the MCU. --- ### 3. Functional Features 1. **Foreign Object Detection (FOD):** The module senses if metal (like coins or keys) is between the charger and the phone, shutting down power to prevent melting or fire. 2. **CAN/LIN Bus Interface:** Allows the car's central computer to communicate with the charger for diagnostics or user interface display. 3. **Low Standby Power:** Optimized to ensure the car battery does not drain while the engine is off. --- ### 4. Typical Block Diagram Logic ```mermaid graph LR A[12V DC Input] --> B[Voltage Regulator] B --> C[MCU / Controller] C --> D[Gate Drivers] D --> E[Full Bridge MOSFETs] E --> F[Resonant Tank/Coils] F -- Feedback --> C ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5W and 15W versions of this module?
    • ⤷ How does the WCT-5AB-R handle EMI interference in vehicles?
    • ⤷ Which NXP development tools are used to program this module?