データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WCT-5DB-R

  • AI
    ## WCT-5DB-R Electronic Overview The **WCT-5DB-R** is a specific wireless charging transmitter coil assembly, typically designed for Qi-standard wireless power applications. These components are essential in inductive charging systems, acting as the interface that generates the electromagnetic field. --- ### 1. Technical Specifications The WCT-5DB-R is categorized as a multi-coil or high-efficiency single-coil transmitter module. Below are the typical electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Inductance ($L$)** | 10.0 µH to 12.5 µH | | **DC Resistance ($R_{dc}$)** | ≤ 40 mΩ | | **Q Factor** | > 80 (at 100kHz) | | **Material** | Ferrite Plate + Litz Wire | | **Compliance** | Qi Standard (A11, A6, or similar) | --- ### 2. Key Electronic Components #### A. The Litz Wire Coil The "heart" of the WCT-5DB-R is the **Litz wire** winding. - **Function:** Unlike solid copper, Litz wire consists of multiple thin strands insulated from each other. - **Benefit:** This significantly reduces the **Skin Effect** and **Proximity Effect**, which are common at high frequencies (110–205 kHz). This ensures the coil remains cool and efficient during power transfer. #### B. Ferrite Shielding (Magnetic Backing) The coil is mounted on a thin **Ferrite sheet**. - **Flux Concentration:** It directs the magnetic field lines toward the receiver device (e.g., a smartphone) rather than letting them scatter. - **EMI Shielding:** It prevents the magnetic field from interfering with the internal electronics of the charging base or generating eddy currents in nearby metal parts. #### C. Connector/Termination The "R" in the suffix often denotes a specific lead length or connector type. - **Pre-tinned Leads:** The wires are usually stripped and pre-tinned for easy soldering onto a PCB (Printed Circuit Board). --- ### 3. Operating Principle 1. **Input:** An AC current (controlled by a PWM driver) flows through the WCT-5DB-R coil. 2. **Induction:** The coil generates an oscillating magnetic field. 3. **Coupling:** When a receiver coil (in a phone) is placed nearby, the magnetic field induces a current in the receiver coil via **Faraday’s Law of Induction**. 4. **Regulation:** The system monitors the load and adjusts the frequency or duty cycle to maintain efficient power delivery. --- ### 4. Typical Applications * Qi-compliant Wireless Charging Pads. * Industrial handheld device docks. * Automotive center console chargers. * Embedded furniture charging points.
    ✨ Follow-up Questions
    • ⤷ What is the difference between A11 and A6 coil configurations in Qi standards?
    • ⤷ How does the ferrite thickness affect charging efficiency?
    • ⤷ Can the WCT-5DB-R support fast charging protocols like 15W EPP?