データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WEPA-12PC2-R

  • AI
    The **WEPA-12PC2-R** is a high-performance power adapter/power supply unit commonly used in industrial and telecommunications equipment. Below is a detailed breakdown of its electronic specifications and technical characteristics. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Number** | WEPA-12PC2-R | | **Input Voltage** | 100V – 240V AC (Universal Input) | | **Output Voltage** | 12V DC | | **Output Current** | 2.0A (Max) | | **Output Power** | 24 Watts | | **Polarity** | Center Positive (+) | | **Efficiency Level** | Level VI (High Efficiency) | --- ### Key Electronic Components & Features #### 1. Switching Mode Power Supply (SMPS) The device utilizes **SMPS technology**, which converts AC power to DC power using a switching regulator. This makes the unit significantly smaller, lighter, and more efficient than traditional linear power supplies. #### 2. Protection Circuitry To ensure the safety of both the adapter and the connected device, the WEPA-12PC2-R integrates several protection layers: * **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds safe thresholds. * **Short-Circuit Protection (SCP):** Prevents damage in the event of a wiring fault. * **Over-Current Protection (OCP):** Limits current flow to prevent overheating. #### 3. Filtering and EMI Suppression The internal board contains **Electromagnetic Interference (EMI) filters** and capacitors to minimize electronic noise. This ensures that the power output is stable and does not interfere with sensitive radio or data signals (crucial for networking hardware). #### 4. Connector Type Typically, this model features a standard **barrel-type DC jack**. The "R" in the suffix often denotes a specific revision or a right-angled connector, depending on the manufacturer's specific cataloging. --- ### Typical Applications * **Network Hardware:** Routers, switches, and modems. * **Industrial Controls:** Small PLCs or interface modules. * **LED Lighting:** Low-voltage DC strips or controllers. * **CCTV:** Security cameras and DVR systems.
    ✨ Follow-up Questions
    • ⤷ What is the specific barrel jack size for the WEPA-12PC2-R?
    • ⤷ Is this power supply compatible with 50Hz and 60Hz frequencies?
    • ⤷ How does Efficiency Level VI compare to older standards?