データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WEPA-12PD2-R

  • AI
    The **WEPA-12PD2-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current power module part, often used in automotive or industrial power management circuits. --- ### 1. Technical Specifications Below are the general technical parameters associated with this series of power components: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Choke | | **Inductance** | 1.2 µH (Standard for this series) | | **Current Rating** | High Saturation Current (Approx. 15A - 25A) | | **Tolerance** | ±20% | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 12mm x 12mm (Approx.) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Internal Characteristics The "WEPA" designation often refers to high-efficiency power architectures. Here are the core electronic attributes: * **Low DCR (DC Resistance):** Designed with thick copper windings to minimize power loss through heat, ensuring high efficiency in DC-DC converters. * **Magnetic Shielding:** The part is usually shielded to prevent Electromagnetic Interference (EMI) from affecting neighboring sensitive components on the PCB. * **High Saturation:** It maintains stable inductance even when high current peaks occur, preventing the core from "saturating" and causing circuit failure. --- ### 3. Common Applications This part is commonly found in the following electronic environments: 1. **Automotive Electronics:** Powering infotainment systems, LED lighting modules, and ECU (Engine Control Units). 2. **DC-DC Converters:** Used as a storage element in buck or boost regulators to smooth out current. 3. **Industrial Power Supplies:** High-reliability power distribution boards. --- ### 4. Part Number Breakdown (Example) While nomenclature varies by manufacturer, the code generally follows this logic: ```text W E P A - 12 P D 2 - R | | | | | | | | | | | | | | | | | +-- RoHS Compliant / Tape & Reel | | | | | | | +------ Series/Revision Code | | | | | +--+------- Size Code (e.g., 12mm) +--+--+---+------------- Manufacturer Series (High Power Inductor) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the WEPA-12PD2-R?
    • ⤷ Are there specific PCB footprint recommendations for this inductor?
    • ⤷ What are the common alternatives to the WEPA series for automotive use?