データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WEPA-13MCD-R

  • AI
    The **WEPA-13MCD-R** is an industrial-grade **Direct Current (DC) Power Supply Unit**, specifically a rectifier module often used in telecommunications, data centers, and industrial automation. It is designed for high reliability and hot-swappability within a power shelf. --- ### 1. Technical Specifications The core electronic profile of the WEPA-13MCD-R is centered around high-efficiency power conversion. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal Input) | | **Output Voltage** | Nominal 12V DC (Adjustable ranges typically 11.5V - 13.5V) | | **Output Current** | ~100A - 110A (Model variant dependent) | | **Maximum Power** | ~1300W - 1500W | | **Efficiency** | >92% (80 PLUS Gold/Platinum equivalent) | | **Cooling** | Internal high-speed DC fans (front-to-back airflow) | --- ### 2. Key Electronic Components & Subsystems To achieve its high power density, the WEPA-13MCD-R utilizes several advanced electronic stages: #### A. Input Protection & EMI Filter * **Varistors (MOVs):** Protect against voltage surges from the AC mains. * **EMI/RFI Filter:** A network of inductors (chokes) and X/Y capacitors to prevent electromagnetic interference from leaking back into the grid. #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Uses a boost converter (MOSFETs and High-Speed Diodes) to ensure the current drawn is in phase with the voltage, reducing reactive power loss. #### C. DC-DC Converter (The Heart) * **PWM Controller:** A specialized Integrated Circuit (IC) that modulates the pulse width to maintain stable output voltage despite load changes. * **Power MOSFETs:** Arranged in a bridge topology (Full-bridge or Half-bridge) to switch high voltages at high frequencies (50kHz - 200kHz). * **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation and steps down the voltage. #### D. Secondary Rectification & Filtering * **Synchronous Rectification:** Uses low-resistance MOSFETs instead of standard diodes on the output side to minimize heat and maximize efficiency. * **Bulk Capacitors:** High-grade aluminum electrolytic or polymer capacitors to smooth out ripples in the 12V DC output. --- ### 3. Monitoring and Safety Features The module includes a "Control Logic" board (often featuring a Microcontroller) that manages: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds safe limits. 2. **Over-Current Protection (OCP):** Limits current to prevent fire or component melting during a short circuit. 3. **Communication Interface:** Typically uses **I2C or PMBus** protocols via the backplane connector to report temperature, fan speed, and load status to a central controller.
    ✨ Follow-up Questions
    • ⤷ What are the typical pinouts for the WEPA-13MCD-R backplane connector?
    • ⤷ How does synchronous rectification improve the efficiency of this specific module?
    • ⤷ What is the recommended maintenance schedule for the internal cooling fans?