データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WEPA-13PC3-R

  • AI
    The **WEPA-13PC3-R** is a specific electronic component, typically categorized as an **AC/DC Power Adapter** or **Switching Power Supply** often used in industrial or consumer electronics (such as receipt printers, telecommunications, or POS systems). Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The following table outlines the typical electrical parameters for this unit: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | +24V DC | | **Output Current** | 1.5A – 2.5A (Varies by sub-model) | | **Power Rating** | Approx. 36W - 60W | | **Connector Type** | 3-Pin Power DIN (Typically) | | **Efficiency** | Level VI (Standard for modern switching supplies) | --- ### 2. Key Electronic Features The WEPA-13PC3-R incorporates several internal protection circuits to ensure the safety of the connected hardware: * **Switch-Mode Power Supply (SMPS):** It uses high-frequency switching to convert AC to DC, making it more efficient and lighter than linear power supplies. * **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds a safe threshold to prevent frying the motherboard of the device. * **Over-Current Protection (OCP):** Limits the current if the connected device tries to draw more power than the adapter can provide. * **Short-Circuit Protection (SCP):** Automatically cuts power if a short is detected in the cable or the device. --- ### 3. Physical & Connection Details * **DC Plug Pinout:** This model usually features a **3-Pin Mini-DIN** connector. It is crucial to verify the pin configuration (Polarity) before connecting, as improper polarity can damage the equipment. * **LED Indicator:** Most versions include a small green LED to indicate that the unit is receiving AC power and converting it correctly. * **EMI/RFI Filtering:** Contains internal ferrite beads and capacitors to reduce electromagnetic interference with other electronic devices. --- ### 4. Common Applications This power supply is frequently found powering: 1. **Thermal Receipt Printers:** Commonly used in brands like Epson, Star Micronics, or Bixolon. 2. **POS Terminals:** Powering the main logic board and peripheral ports. 3. **Industrial Controls:** Small-scale automation units requiring a steady 24V rail.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the 3-pin DIN connector on this model?
    • ⤷ Can I use a higher amperage power supply as a replacement for the WEPA-13PC3-R?
    • ⤷ What are the common signs of failure for this specific power adapter?