データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WI453232-R18F

  • AI
    The **WI453232-R18F** is a surface-mount (SMD) wire-wound chip inductor commonly used in high-frequency applications. It belongs to the 1812 (4532 metric) case size category. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical properties: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **WI** | Series Type | Wire-wound Inductor | | **453232** | Dimensions | 4.5mm (L) x 3.2mm (W) x 3.2mm (H) | | **R18** | Inductance Value | 0.18 µH (Microhenries) | | **F** | Tolerance | ±1% (High Precision) | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Bourns or Pulse), the standard specifications for an R18F in this series are: * **Inductance:** 0.18 µH * **Tolerance:** ±1% (The "F" suffix denotes very tight precision) * **Test Frequency:** Typically measured at 25.2 MHz. * **Self-Resonant Frequency (SRF):** Usually above 500 MHz. * **DC Resistance (DCR):** Low resistance, typically in the range of 0.20 to 0.45 Ohms. * **Rated Current:** Generally handles between 450mA and 800mA. --- ### 3. Construction and Material * **Core Material:** Usually a Ferrite or Ceramic core depending on the specific frequency target. * **Winding:** Copper wire is wound around the core and terminated at the solder pads. * **Encapsulation:** Often coated in an epoxy resin to protect the windings from environmental factors and mechanical stress. --- ### 4. Typical Applications Due to its high "Q" factor (Quality factor) and tight tolerance, this part is found in: 1. **RF Communication:** Used in impedance matching and resonance circuits for mobile devices. 2. **Filtering:** High-frequency noise suppression in power lines or signal paths. 3. **Automotive Electronics:** Often used in infotainment or telematics modules. 4. **Oscillators:** Serving as a stable inductive component in frequency generation. --- ### 5. Footprint (1812 Metric) If you are designing a PCB, the standard land pattern for a 4532 (metric) size is: ```text Length (L): 4.5 mm Width (W): 3.2 mm Height (H): 3.2 mm ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used in high-temperature automotive environments?