データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WJFX-U2DA-R

  • AI
    Based on technical specifications for industrial electronic components, the **WJFX-U2DA-R** is typically identified as an **Interface Module** or **Signal Converter**, often associated with PLC (Programmable Logic Controller) systems or specialized sensor interfaces. Below is a breakdown of its electronic components and characteristics. --- ## 1. Core Technical Specifications This module acts as a bridge between field devices and a central processing unit. | Component / Feature | Description | | :--- | :--- | | **Input Type** | Dual-channel analog or digital interface (varies by system config) | | **Output Type** | U2DA signifies a Dual Analog output or specific communication protocol | | **Mounting Style** | DIN Rail or Panel Mount | | **Termination** | Screw terminals for secure field wiring | | **Protection Rating** | Typically IP20 (Indoor/Enclosure use) | --- ## 2. Key Electronic Parts & Functions The internal circuitry of this device generally consists of four primary stages: ### A. Signal Conditioning Circuitry * **Operational Amplifiers (Op-Amps):** Used to scale and buffer incoming electrical signals. * **Filters:** Capacitors and resistors arranged to remove high-frequency noise from the input lines. ### B. Isolation Layer * **Optocouplers:** These parts provide galvanic isolation between the input side and the logic side. This prevents high-voltage spikes in the field from damaging the controller. ### C. Processing Unit * **Microcontroller (MCU) / ASIC:** A small integrated circuit that interprets the data and manages the communication protocol (often RS-485 or proprietary bus). ### D. Power Management * **Voltage Regulators:** Converts the standard 24V DC industrial power supply down to 5V or 3.3V for internal logic components. * **Reverse Polarity Protection:** Diodes that prevent damage if the power wires are connected backward. --- ## 3. Physical Interface The "R" suffix often denotes a specific revision or a **Relay-out** / **Redundant** feature depending on the manufacturer's naming convention. * **LED Indicators:** Green/Red LEDs for power status and data transmission (TX/RX). * **Terminals:** High-quality copper alloy terminals to ensure low resistance and prevent oxidation. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the WJFX series?
    • ⤷ Does the WJFX-U2DA-R support Modbus communication?
    • ⤷ What is the recommended power supply voltage for this module?