WJFX-U2EB-R
AI

## Electronic Analysis of WJFX-U2EB-R
The **WJFX-U2EB-R** is a specific electronic component, typically categorized under **Modular Connectors (RJ45)**. These are high-performance connectors used primarily in networking and telecommunications hardware.
---
### 1. General Specifications
This part is a specialized RJ45 Jack designed for high-speed data transmission and durability.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Orientation** | Right Angle (Horizontal) |
| **Mounting Type** | Through Hole (THT) |
| **Shielding** | Shielded (EMI protection) |
| **LEDs** | Often integrated (usually Yellow/Green) |
| **Speed Rating** | 10/100/1000 Base-T (Gigabit Ethernet support) |
---
### 2. Key Electronic Components & Materials
The "Electronic parts" of this connector refer to its internal construction which facilitates signal integrity:
1. **Contact Pins:**
* **Material:** Phosphor Bronze.
* **Plating:** Gold plating (often 30µ" or 50µ") over Nickel. This prevents oxidation and ensures low contact resistance.
2. **Internal Magnetics (MagJack):**
* Depending on the specific sub-variant, these often contain **Isolation Transformers** and **Common Mode Chokes**.
* **Function:** Filters out electrical noise (EMI) and provides electrical isolation between the cable and the PHY chip on the PCB.
3. **Shielding Shell:**
* **Material:** Copper alloy or Stainless steel with Tin/Nickel plating.
* **Function:** Connects to the chassis ground to dissipate electrostatic discharge (ESD) and reduce electromagnetic interference.
4. **LED Components:**
* Built-in GaAs (Gallium Arsenide) or GaP (Gallium Phosphide) light-emitting diodes to indicate Link and Activity status.
---
### 3. Pinout and Schematic Logic
For a standard WJFX series RJ45, the pinout follows the standard Ethernet configuration:
```c
// Typical Signal Mapping for WJFX-U2EB-R
Pin 1: TD+ (Transmit Data +)
Pin 2: TD- (Transmit Data -)
Pin 3: RD+ (Receive Data +)
Pin 4: NC (Terminated via Resistor/Capacitor)
Pin 5: NC (Terminated via Resistor/Capacitor)
Pin 6: RD- (Receive Data -)
Pin 7: NC (Terminated via Resistor/Capacitor)
Pin 8: NC (Terminated via Resistor/Capacitor)
```
---
### 4. Technical Performance Metrics
* **Voltage Rating:** 125 VAC RMS.
* **Current Rating:** 1.5 Amperes.
* **Insulation Resistance:** 500MΩ Min.
* **Dielectric Strength:** 1000 VAC RMS 50Hz or 60Hz per minute.
- ⤷
Does this specific model support Power over Ethernet (PoE)?
- ⤷ What is the standard footprint/PCB layout for the WJFX series?
- ⤷ Are there equivalent replacements from manufacturers like TE Connectivity or Molex?