データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WJM-11D-R

  • AI
    The **WJM-11D-R** is a specific model of an **Electronic Safety Switch (Interlock)**, commonly used in industrial automation for machine guarding. It is designed to ensure that safety gates or doors are closed before a machine can operate. --- ### 1. Technical Specifications The following table summarizes the key electronic and physical characteristics of the WJM-11D-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Safety Door Interlock Switch | | **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Rated Voltage** | 250V AC / 30V DC | | **Thermal Current (Ith)** | 10A | | **Material** | High-durability Plastic / Metal Alloy (Internal) | | **Actuator Type** | Key-operated (tongue) | | **Environmental Rating** | IP67 (Dust and Water-resistant) | --- ### 2. Core Electronic Components The device functions through a mechanical-to-electrical conversion. Key parts inside the unit include: * **Positive Opening Contacts:** The internal NC (Normally Closed) contact is designed for "positive opening," meaning it will be forced open mechanically even if the contacts attempt to weld together. * **Galvanically Isolated Contacts:** The NO and NC circuits are electrically separated, allowing for redundant safety monitoring (dual-channel systems). * **The Actuator (Tongue):** While mechanical, its insertion triggers the internal snap-action switch mechanism that completes or breaks the electronic circuit. * **Terminal Block:** Internal screw terminals designed to handle vibrations, ensuring the wiring remains secure in industrial environments. --- ### 3. Circuit Wiring Logic In a standard safety setup, the WJM-11D-R is wired into a **Safety Relay** or a **Safety PLC**. ```mermaid graph LR A[Power Supply] --> B[WJM-11D-R NC Contact] B --> C[Safety Monitoring Relay] C --> D[Motor Contactor] D --> E[Machine Stop/Start] ``` * **Fail-Safe Design:** If the wire is cut or the switch is damaged, the NC circuit opens, causing the safety relay to trigger an immediate Emergency Stop (E-Stop). --- ### 4. Typical Applications * **CNC Machinery:** Prevents the spindle from spinning while the door is open. * **Conveyor Systems:** Ensures side panels are securely attached. * **Robotic Cells:** Acts as a primary gate interlock for personnel safety.
    ✨ Follow-up Questions
    • ⤷ How does the wiring of the NC contact differ from the NO contact in safety circuits?
    • ⤷ Is the WJM-11D-R compatible with universal safety actuators?
    • ⤷ What is the mechanical lifespan of this switch in terms of operation cycles?