WJM-14W2-R
AI

The **WJM-14W2-R** is a specific electronic connector component, typically categorized as a **D-Sub Mixed Contact Connector**. These connectors are designed to combine standard signal pins with specialized "Coaxial" or "High Power" cavities within a single housing.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. General Specifications
The part number follows a standard nomenclature for high-density and mixed-layout connectors.
| Feature | Description |
| :--- | :--- |
| **Connector Type** | D-Sub (Mixed Layout) |
| **Contact Arrangement** | 14W2 (14 total positions: 12 Signal + 2 Power/Coax) |
| **Gender** | Receptacle (Female Socket) |
| **Mounting Type** | Through-Hole / Right Angle (indicated by 'R') |
| **Shell Material** | Steel (typically Tin or Nickel plated) |
---
### 2. Contact Configuration
The "14W2" designation is the most critical part of its electronic design:
* **12 Signal Pins:** Standard 5A rated pins for data or low-current signals.
* **2 Special Cavities:** These oversized holes are designed to house either:
* **High-Power Contacts:** (Up to 20A or 40A depending on the specific insert).
* **Coaxial Contacts:** For Radio Frequency (RF) signals requiring shielding.
---
### 3. Electrical Characteristics
These values are standard for industrial-grade WJM series connectors.
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating (Signal)** | 5 Amperes |
| **Current Rating (Power)** | 20A to 40A (insert dependent) |
| **Dielectric Withstanding Voltage** | 1000V AC at sea level |
| **Insulation Resistance** | > 5000 MΩ |
| **Contact Resistance** | < 10 mΩ |
| **Operating Temperature** | -55°C to +125°C |
---
### 4. Common Applications
Due to its ability to carry both power and data, the WJM-14W2-R is frequently used in:
* **Telecommunications:** Base stations and switching equipment.
* **Industrial Automation:** Connecting PLCs to motors where both control logic and power are needed.
* **Medical Electronics:** Imaging equipment requiring high-voltage/high-current paths alongside sensor data.
* **Military/Aerospace:** Robust interconnections for ruggedized computers.
---
### 5. Mechanical Diagram (Typical)
```text
_________________________________
/ (1) (2) (3) (4) (5) (6) \
| (7) (8) (9) (10)(11)(12) [ P1 ]| <-- P1/P2 are the 2 large
\___________________________ [ P2 ]/ Power/Coax contacts.
```
- ⤷
What are the specific soldering requirements for the WJM-14W2-R on a PCB?
- ⤷ Can the power contacts in this connector be swapped for coaxial inserts?
- ⤷ Which mating plug is compatible with the WJM-14W2-R receptacle?