データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WJM-150-R

  • AI
    The **WJM-150-R** is a high-performance, industrial-grade **Solid State Relay (SSR)** typically used in automation, heating control, and industrial motor applications. Unlike traditional mechanical relays, this electronic component uses semiconductor technology to switch electrical loads. --- ### 1. Key Technical Specifications The "150" in the model name usually denotes its current handling capacity, while the "R" often signifies its control type or specific mounting style. | Feature | Specification (Typical) | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Max Load Current** | 150 Amperes | | **Control Voltage** | 3 - 32 VDC (Standard logic level) | | **Load Voltage** | 24 - 480 VAC (AC Switching) | | **Switching Method** | Zero-Cross Triggering (minimizes EMI) | | **Isolation** | Photoelectric/Optocoupler | --- ### 2. Core Electronic Components Inside the WJM-150-R, several critical electronic parts work together to manage high-power switching: 1. **Optocoupler (Input Stage):** * Ensures electrical isolation between the low-voltage control signal (PLC/Microcontroller) and the high-voltage load. 2. **Trigger Circuit:** * Detects the AC waveform. Most models use "Zero-Cross" technology, meaning the relay only turns on when the AC voltage is near zero, reducing electrical noise and protecting the load. 3. **TRIAC or Back-to-Back Thyristors (SCRs):** * The primary power-switching elements. For a 150A rating, heavy-duty Silicon Controlled Rectifiers (SCRs) are used to handle the thermal and electrical stress. 4. **RC Snubber Network:** * An internal Resistor-Capacitor circuit that protects the SCRs from voltage spikes ($dv/dt$) caused by inductive loads like motors or transformers. --- ### 3. Wiring Configuration The device features four main terminals, categorized into the Control Side and the Load Side. ```mermaid graph LR A[Input: 3-32VDC] --> B[WJM-150-R SSR] B --> C[Output: 24-480VAC Load] ``` ### 4. Critical Implementation Notes * **Heat Dissipation:** Switching 150A generates significant heat. This part **must** be mounted on a properly sized aluminum heat sink, often with thermal paste. * **Protection:** It is highly recommended to use a **Fast-Acting Fuse** in series with the load, as semiconductors can fail in a "short-circuit" state if overcurrent occurs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero-Cross and Random-Fire switching in this SSR?
    • ⤷ How do I calculate the required heat sink size for a 150A load?
    • ⤷ Can the WJM-150-R be used to control DC loads?