データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WJM-16D-R

  • AI
    The **WJM-16D-R** is a high-performance, high-voltage industrial relay module, typically used in power systems, substation automation, and protective signaling. It is part of the WJM series designed for reliability in harsh electrical environments. --- ### 1. Core Technical Specifications The "16D" typically denotes a 16-channel configuration, while the "R" indicates a Rack-mounted or Rail-mounted assembly. | Feature | Specification Details | | :--- | :--- | | **Control Voltage** | Usually ranges from 110V to 220V DC (Standard for utility grids). | | **Contact Capacity** | Typically 5A to 10A at 250V AC / 30V DC. | | **Response Time** | High-speed operation (often <10ms to <20ms). | | **Insulation Resistance** | >1000MΩ at 500V DC. | | **Mounting Style** | DIN Rail or 19-inch Rack mounting options. | --- ### 2. Key Electronic Components The internal architecture of the WJM-16D-R consists of several critical electronic stages: #### A. Input Signal Conditioning * **Optocouplers:** Used to provide galvanic isolation between the input control signal and the internal logic. This protects the controller from high-voltage spikes. * **Voltage Dividers/Rectifiers:** Standardizes the input voltage levels to ensure the internal coil or logic operates within safe limits. #### B. The Switching Element (Electromagnetic Relays) * The board contains 16 individual miniature power relays. * **Contacts:** Usually made of Silver Alloy (AgNi or AgSnO2) for high conductivity and resistance to arcing. * **Flyback Diodes:** Connected across the relay coils to dissipate the inductive back-EMF when the relay is de-energized, protecting the driving transistors. #### C. Visual Diagnostics & Protection * **LED Indicators:** Each of the 16 channels has a dedicated SMD LED to indicate the "ON/OFF" status of the relay. * **Varistors (MOVs):** Integrated at the output terminals to suppress transient voltage surges and prevent contact welding. --- ### 3. Functional Wiring Logic The module is usually wired in a common-rail or independent-channel configuration: ```c // Pseudo-Logic for 16-Channel Control for (int i = 1; i <= 16; i++) { if (Input_Signal[i] == HIGH) { Energize_Coil(Relay[i]); Status_LED[i] = ON; } else { De-energize_Coil(Relay[i]); Status_LED[i] = OFF; } } ``` --- ### 4. Application Scenarios * **PLC Expansion:** Used when a PLC needs to control high-load devices (motors, solenoids) that exceed its onboard current limits. * **Substation Control:** Acts as an intermediate relay for trip circuits in circuit breakers. * **Remote Terminal Units (RTUs):** Serves as the digital output interface for SCADA systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage requirement for the WJM-16D-R variant you are using?
    • ⤷ Does the WJM-16D-R support both AC and DC switching on its output contacts?
    • ⤷ Are there specific environmental protection ratings (IP ratings) for this module?