データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WM8152S

  • AI
    ## Overview of the WM8152S The **WM8152S** is a high-performance, 16-bit CMOS sensor signal processor designed primarily for imaging applications like document scanners, digital copiers, and multifunctional peripherals. It acts as an Analog Front End (AFE) that interfaces between a CCD (Charge-Coupled Device) or CIS (Contact Image Sensor) and a digital controller. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 16-bit ADC | | **Sample Rate** | 12 MSPS (Mega Samples Per Second) | | **Supply Voltage** | 3.0V to 3.6V (Analog/Digital) | | **Power Consumption** | ~150mW (at 3.3V) | | **Input Channels** | 1-channel (Single-ended or Differential) | | **Interface** | 4-wire serial control / 8-bit wide multiplexed output | --- ### Main Internal Electronic Blocks The WM8152S integrates several critical electronic components into a single chip to minimize noise and board space: 1. **Correlated Double Sampler (CDS):** * Reduces "reset noise" inherent in CCD sensors. * It samples the reference level and the data level of the sensor signal and subtracts them to isolate the true pixel value. 2. **Programmable Gain Amplifier (PGA):** * Provides digitally controlled amplification of the analog signal. * Ensures the signal utilizes the full dynamic range of the ADC, even in low-light conditions. 3. **Offset DAC (Dark Level Correction):** * Adjusts the "black level" of the signal to compensate for sensor dark current or component offsets. 4. **Analog-to-Digital Converter (ADC):** * A high-speed 16-bit pipeline ADC that converts the conditioned analog voltage into a digital bitstream. 5. **Serial Control Interface:** * Used by the system microcontroller to program internal registers (gain settings, offset levels, mode selection). --- ### Typical Pin Configuration | Pin Type | Function | | :--- | :--- | | **VIN** | Analog input from the image sensor. | | **RLC/VBIAS** | Reference level clamping or DC bias input. | | **MCLK** | Master clock input for internal timing. | | **OP[7:0]** | 8-bit digital output bus (outputs 16-bit data in two cycles). | | **SDIN/SCLK** | Serial data and clock for configuration. | | **SEN** | Serial enable (Chip Select). | --- ### Example Configuration Snippet To initialize the WM8152S via its serial interface, a controller typically sends a 16-bit word (8 bits address + 8 bits data). ```c // Pseudocode for setting the Gain Register void setup_wm8152s() { // Address 0x01 = Programmable Gain Register // Value 0x20 = Example gain setting write_serial_interface(0x01, 0x20); // Address 0x03 = Setup Register (Set to 12-bit or 16-bit mode) write_serial_interface(0x03, 0x04); } ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between using the WM8152S with a CCD vs a CIS sensor?
    • ⤷ How does the 8-bit multiplexed output handle the 16-bit resolution data?
    • ⤷ What are the common power decoupling requirements for the analog supply pins?