データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WM8196

  • AI
    ## Overview of the WM8196 The **WM8196** is a high-performance, 16-bit analog front-end (AFE) integrated circuit designed primarily for image processing applications such as document scanners, digital copiers, and multifunctional peripherals (MFPs). It acts as the bridge between an image sensor (CCD or CIS) and a digital processor. --- ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Resolution** | 16-bit ADC | | **Sampling Rate** | 12 MSPS (Mega Samples Per Second) | | **Input Channels** | 3-channel (RGB) or 1-channel (Monochrome) | | **Power Supply** | 3.3V to 5V Analog, 3.0V to 3.6V Digital | | **PGA Gain Range** | 0dB to 27.5dB (8-bit resolution) | | **Interface** | Serial control interface (SPI-compatible) | --- ### Internal Electronic Components The WM8196 integrates several critical electronic stages to process raw analog signals into high-quality digital data: #### 1. Correlated Double Sampler (CDS) The CDS is essential for CCD sensors. It samples the signal twice (once at the reference level and once at the data level) to eliminate low-frequency noise and reset noise inherent in CCD outputs. #### 2. Programmable Gain Amplifier (PGA) This stage allows the user to amplify the signal before it reaches the ADC. It is used to normalize signals from different color channels (Red, Green, Blue) to ensure a balanced white point. #### 3. Offset DACs There are internal Digital-to-Analog Converters used for "Offset Correction." This cancels out the "dark current" (noise generated by the sensor when no light is present), ensuring the black level is consistent across the image. #### 4. 16-Bit Analog-to-Digital Converter (ADC) The core component that converts the conditioned analog voltage into a 16-bit digital word. It uses a high-speed pipelined architecture to maintain a 12 MSPS throughput. #### 5. Output Multiplexer Since it has three input channels but usually outputs to a narrower digital bus, the multiplexer sequences the RGB data into a 4-bit or 8-bit digital output stream. --- ### Pin Configuration Categories | Group | Pins | Function | | :--- | :--- | :--- | | **Analog Inputs** | RIN, GIN, BIN | Accepts signals from CCD/CIS sensors. | | **Clocks** | MCLK, VSMP, RSMP | Master clock and sampling synchronization pins. | | **Digital Output** | OP[7:0] | The digitized image data bus. | | **Control** | SDIN, SCLK, SEN | Serial interface for programming internal registers. | | **Power/Ground** | AVDD, DVDD, AGND | Separate analog and digital power planes to reduce noise. | --- ### Typical Application Circuit When designing with the WM8196, the following external components are typically required: * **Decoupling Capacitors:** 0.1µF and 10µF capacitors placed close to the power pins to filter noise. * **Termination Resistors:** On high-speed clock lines to prevent signal reflection. * **Reference Decoupling:** Specific capacitors on the `VREF` pins to stabilize the internal ADC reference voltage.
    ✨ Follow-up Questions
    • What is the difference between using the WM8196 with a CCD versus a CIS sensor?
    • How do you program the internal registers of the WM8196 via SPI?
    • What are the common noise reduction techniques when PCB routing for the WM8196?