データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-0B-R

  • AI
    ## Technical Overview: WMS2-0B-R (Wabco) The **WMS2-0B-R** is a specific electronic component primarily utilized in commercial vehicle braking and stability systems, manufactured by **WABCO** (now part of ZF). It is a Wheel Speed Sensor (WSS) used to monitor the rotational speed of wheels for systems like ABS (Anti-lock Braking System) and EBS (Electronic Braking System). --- ### 1. Key Technical Specifications The WMS2-0B-R follows a standard inductive principle for speed detection. | Feature | Specification | | :--- | :--- | | **Component Type** | Inductive Wheel Speed Sensor | | **Housing Material** | Stainless Steel (Corrosion Resistant) | | **Connector Type** | DIN 72585-A1-2.1-Sn/K1 | | **Cable Length** | Approx. 0.4m to 2.0m (Variant dependent) | | **Operating Temperature** | -40°C to +150°C | | **Electrical Resistance** | 1100 Ω to 1250 Ω (Typical) | --- ### 2. Functional Electronic Parts The sensor consists of three main internal electronic elements that work together to generate a signal: 1. **Permanent Magnet:** Located at the core of the sensor. It creates a static magnetic field that extends toward the "pole wheel" or "exciter ring" on the vehicle's hub. 2. **Soft Iron Pole Pin:** Conducts the magnetic flux from the magnet to the tip of the sensor. 3. **Inductive Coil:** A fine copper wire winding around the pole pin. As the teeth of the exciter ring pass the sensor tip, the magnetic field fluctuates, inducing an **Alternating Current (AC) voltage** in the coil. --- ### 3. Signal Characteristics The electronic output of the WMS2-0B-R is an analog sine wave. The frequency and amplitude of this wave are directly proportional to the wheel's speed. * **Frequency:** Used by the ECU (Electronic Control Unit) to calculate RPM. * **Amplitude:** Increases as the wheel spins faster. * **Air Gap Sensitive:** The strength of the electronic signal is highly dependent on the distance between the sensor face and the pole wheel (usually kept between 0.2mm and 0.8mm). --- ### 4. Diagnostic Indicators When testing the electronic integrity of a WMS2-0B-R, technicians look for specific resistance values: ```python # Standard Diagnostic Range for WABCO Sensors def check_sensor_health(resistance_ohms): if 1100 <= resistance_ohms <= 1250: return "PASS: Sensor coil is within spec" elif resistance_ohms == 0: return "FAIL: Short circuit detected" else: return "FAIL: Open circuit or internal degradation" ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I adjust the air gap for the WMS2-0B-R sensor?
    • ⤷ What are the common fault codes associated with this sensor in a WABCO system?
    • ⤷ Can this sensor be interchanged with a Hall-effect type sensor?