データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-41-R/Q

  • AI
    The **WMS2-41-R/Q** refers to a high-performance **RF Coaxial Switch** (specifically a multi-throw mechanical switch). These components are critical in telecommunications, satellite ground stations, and automated test equipment (ATE) for routing high-frequency signals with minimal loss. ### 1. Technical Specifications Overview The "41" series typically denotes a **SP4T** (Single Pole, Four Throw) configuration, meaning one input signal can be routed to any of four output ports. | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | DC to 18 GHz (standard) up to 26.5 GHz | | **Impedance** | 50 Ohms | | **Switching Speed** | ~15 milliseconds | | **Actuator Voltage** | 12V, 24V, or 28V DC | | **Connector Type** | SMA (Female) | | **Operating Mode** | Normally Open or Failsafe | --- ### 2. Key Electronic Features #### A. Actuator Mechanism The "R/Q" designation often refers to the internal control circuitry: * **Failsafe/Latching:** These switches use electromagnetic solenoids to move the RF contacts. * **Indicator Circuitry:** Often includes internal sensors that provide a logic signal back to the controller to confirm the switch has successfully moved to the desired position. * **TTL Control:** Many versions include a TTL-compatible driver, allowing the switch to be operated directly by a microcontroller or computer interface rather than high-power DC lines. #### B. RF Performance Characteristics * **Insertion Loss:** Extremely low (typically < 0.5 dB). This ensures the signal strength is maintained across the switch. * **Isolation:** High isolation (typically > 60 dB) prevents "crosstalk" or signal leakage between the active port and the inactive ports. * **VSWR (Voltage Standing Wave Ratio):** Usually below 1.5:1, minimizing signal reflection. --- ### 3. Pinout and Control Logic A typical control block for this type of switch uses a D-Sub connector or solder pins. The logic generally follows this structure: ```yaml Pin Configuration: 1: Common (+VDC) 2: Port 1 Activate (GND to Trigger) 3: Port 2 Activate (GND to Trigger) 4: Port 3 Activate (GND to Trigger) 5: Port 4 Activate (GND to Trigger) 6: Indicator Common 7-10: Individual Port Indicators ``` ### 4. Applications 1. **Signal Routing:** Directing a single antenna feed to multiple receivers. 2. **Calibration:** Switching between a Device Under Test (DUT) and a known reference standard. 3. **Redundancy:** Switching to a backup amplifier or transmitter in the event of a primary hardware failure. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Failsafe and Latching modes in RF switches?
    • ⤷ How does the power handling capability change as frequency increases for this part?
    • ⤷ What are the environmental ratings (temperature/vibration) for the WMS2 series?