データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-52-R

  • AI
    ## Technical Overview of the WMS2-52-R The **WMS2-52-R** is a high-performance, precision **Micro-Ohm Shunt Resistor** primarily designed for current sensing applications in power electronics. These components are critical for monitoring current flow by providing a small, stable voltage drop that can be measured by a controller or IC. ### 1. Key Specifications The following table outlines the typical electronic characteristics of the WMS2-52-R series: | Parameter | Specification | Note | | :--- | :--- | :--- | | **Resistance Value** | ~50 µΩ to 100 µΩ | Depending on the specific sub-variant | | **Power Rating** | Up to 36W | Continuous power dissipation capability | | **Tolerance** | ±1% or ±5% | Precision level of the resistance | | **TCR (Temp. Coeff.)** | < 50 ppm/°C | Stability over temperature ranges | | **Inductance** | < 3 nH | Crucial for high-frequency switching | | **Material** | Manganin / NiCr | High-stability resistive alloys | --- ### 2. Physical and Structural Components The "WMS" designation typically refers to **Wide Metal Strip** or **Welded Metal Shunt** technology. * **Resistive Element:** Constructed from specialized alloys like Manganin. These materials are chosen because their resistance changes very little even as they heat up during high current flow. * **Terminals:** Usually features heavy-duty copper terminals. These are designed for low-resistance connections to high-current busbars or PCBs via bolt-down or heavy soldering. * **Substrate/Coating:** Often features a heat-resistant coating to protect the resistive element from oxidation and environmental moisture. --- ### 3. Application Use Cases Because the WMS2-52-R handles high currents with minimal power loss, it is commonly found in: 1. **Battery Management Systems (BMS):** Measuring the state of charge (SoC) and protecting against overcurrent in EV batteries. 2. **Solar Inverters:** Monitoring the output current of DC-to-AC conversion. 3. **Industrial Power Supplies:** Feedback loops for high-wattage DC power regulators. 4. **Electronic Power Steering (EPS):** Precision current monitoring for motor control in automotive systems. --- ### 4. Implementation Example In a typical circuit, the shunt is placed in series with the load. The voltage drop ($V$) is measured across the resistor ($R$) to calculate current ($I$) using Ohm's Law: $I = V / R$. ```python # Simple Python snippet to calculate current from a WMS2-52-R Shunt resistance_ohms = 0.000050 # 50 micro-ohms measured_voltage_volts = 0.0025 # 2.5 mV measured by ADC current_amps = measured_voltage_volts / resistance_ohms print(f"Calculated Current: {current_amps} Amps") # Output: Calculated Current: 50.0 Amps ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the WMS2-52-R?
    • ⤷ How does the 2-terminal vs 4-terminal (Kelvin) connection affect its accuracy?
    • ⤷ Which manufacturers produce the WMS2 series resistors?