データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-5B-R/Q

  • AI
    The **WMS2-5B-R/Q** is a high-performance **Step Motor Driver** module commonly utilized in industrial automation for precise motion control. It is designed to drive 2-phase stepper motors with high efficiency and low noise. --- ### ## Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the WMS2-5B-R/Q: | Parameter | Specification | | :--- | :--- | | **Driver Type** | 2-Phase Stepper Motor Driver | | **Input Voltage** | 24V - 40V DC | | **Output Current** | 1.0A to 5.0A (Peak) | | **Microstep Resolution** | Up to 1/256 (Adjustable) | | **Pulse Frequency** | Up to 200 kHz | | **Control Signal** | 5V / 24V Compatible (Optically Isolated) | | **Protection Features** | Over-voltage, Over-current, Phase-error | --- ### ### Key Electronic Components & Features 1. **H-Bridge MOSFET Drive**: Uses advanced MOSFET technology to control the current flow through the motor windings, ensuring high torque at high speeds while minimizing heat dissipation. 2. **Optocouplers**: The input signals (Pulse, Direction, and Enable) are isolated using high-speed optocouplers. This prevents electrical noise from the motor side from damaging the PLC or controller. 3. **Current Control Logic**: Includes an automatic "Idle Current Reduction" feature. When the motor is not moving, the driver automatically reduces the current to 50% to prevent the motor from overheating. 4. **DIP Switch Configuration**: The unit features onboard DIP switches that allow the user to hardware-configure the output current and the microstepping resolution without needing external software. --- ### ### Typical Wiring Diagram Concept To interface the driver with a microcontroller (like an Arduino) or a PLC, the following logic is generally applied: ```cpp // Logic for Pulse/Direction Control digitalWrite(DIR_PIN, HIGH); // Set Direction for(int x = 0; x < 200; x++) { digitalWrite(STEP_PIN, HIGH); delayMicroseconds(500); digitalWrite(STEP_PIN, LOW); delayMicroseconds(500); } ``` --- ### ### Applications * **CNC Machinery**: Precise axis movement. * **3D Printing**: High-torque extrusion and positioning. * **Robotic Arms**: Joint control and repeatability. * **Conveyor Systems**: Controlled acceleration and deceleration.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct current setting for a specific stepper motor?
    • ⤷ What are the common causes of 'Phase-error' alarms on this driver?
    • ⤷ Can this driver be used with 4-wire
    • ⤷ 6-wire
    • ⤷ and 8-wire motors?