データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-AA-R

  • AI
    The **WMS2-AA-R** is an electronic component primarily associated with **RF (Radio Frequency) and Microwave** applications. Below is a detailed breakdown of its specifications, functionality, and electronic characteristics. --- ## 1. Component Overview The WMS2-AA-R is typically categorized as a **Surface Mount (SMT) Low-Pass Filter** or a specific RF passive module. It is designed to allow lower frequency signals to pass through while attenuating (blocking) higher frequency interference. ### Key Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | RF Filter (Low Pass) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Package / Case** | Custom Shielded Case (varies by manufacturer) | | **Impedance** | 50 Ohms (Standard RF) | | **RoHS Status** | Compliant (Indicated by the 'R' suffix) | --- ## 2. Electronic Characteristics The device operates on the principles of electromagnetic filtration. Here are the core electronic aspects: ### Frequency Response * **Passband:** The range of frequencies that pass with minimal loss (Insertion Loss). * **Stopband:** The range of frequencies where the signal is significantly reduced (Rejection). * **Cut-off Frequency:** The specific point where the power of the signal is reduced by 3dB. ### Signal Integrity * **Insertion Loss:** Represents the loss of signal power resulting from the insertion of the device in a transmission line. * **Return Loss:** Measures how much power is reflected back toward the source; a higher return loss indicates better impedance matching. --- ## 3. Physical Construction and Pinout The "AA" in the part number often refers to the specific physical footprint or the frequency grade assigned by the manufacturer. 1. **Input Port:** Where the RF signal enters. 2. **Output Port:** Where the filtered signal exits. 3. **Ground Planes:** Multiple contact points to ensure electrical stability and heat dissipation. 4. **Shielding:** The "R" usually indicates a tape-and-reel packaging or a specific RoHS revision, but physically, these parts are housed in metal-ceramic or plastic-overmolded casings to prevent EMI (Electromagnetic Interference). --- ## 4. Typical Applications The WMS2-AA-R is commonly found in the following electronic circuits: * **Telecommunications:** Base stations and signal repeaters. * **Testing Equipment:** Used to clean up signal generators. * **Satellite Communications:** Reducing harmonic distortion in transmitters. * **Consumer Electronics:** Filtering WiFi or Bluetooth noise in complex PCB layouts. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact cut-off frequency for the WMS2-AA-R?
    • ⤷ Can you provide the datasheet pinout diagram for this specific SMD package?
    • ⤷ What are the common manufacturers that produce the WMS series filters?