データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-DC-R/K

  • AI
    The **WMS2-DC-R/K** is a high-performance, compact electromagnetic relay commonly used in industrial automation, power distribution, and smart grid applications. It is specifically designed to handle high inrush currents while maintaining a small physical footprint. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the WMS2-DC-R/K: | Feature | Specification | | :--- | :--- | | **Contact Form** | 1A (SPST-NO) | | **Rated Load** | 10A 250VAC / 30VDC | | **Max Switching Power** | 2,500 VA / 300 W | | **Coil Voltage (DC)** | Typically 5V, 12V, or 24V DC | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) | | **Mechanical Life** | $1 \times 10^7$ operations | | **Electrical Life** | $1 \times 10^5$ operations | --- ### 2. Core Electronic Components & Design The WMS2 series utilizes several critical design elements to ensure reliability: * **AgSnO₂ Contacts:** The choice of Silver Tin Oxide is crucial. This material provides excellent resistance to "welding" (contact sticking) caused by high inrush currents during the switching of capacitive or inductive loads. * **High Sensitivity Coil:** The DC coil is optimized for low power consumption, allowing it to be driven by standard transistor circuits or microcontrollers with minimal heat generation. * **Reinforced Insulation:** The internal structure provides high dielectric strength (typically around 4,000VAC between coil and contacts), ensuring safety in high-voltage environments. * **Compact Housing:** The "R/K" designation often refers to specific mounting or sealing styles (usually PCB-mount with flux-proof or wash-tight construction). --- ### 3. Common Applications Due to its robust switching capabilities, this part is frequently found in: 1. **Smart Meters:** Used for load shedding or remote disconnection. 2. **HVAC Systems:** Controlling motors, compressors, or heating elements. 3. **Industrial PLC Modules:** Acting as the output interface for controlling heavy machinery. 4. **Lighting Controllers:** Managing LED drivers that exhibit high initial surge currents. --- ### 4. Circuit Implementation Example To drive this relay safely using a microcontroller, a flyback diode and a switching transistor are required: ```cpp // Logic representation for Relay Control void switchRelay(bool state) { if (state) { digitalWrite(RELAY_PIN, HIGH); // Activates NPN Transistor to ground Coil } else { digitalWrite(RELAY_PIN, LOW); // Deactivates Coil } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and K suffixes in this model?
    • ⤷ What is the recommended flyback diode for the WMS2-DC coil?
    • ⤷ Can this relay be used for switching 120VAC loads?