データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-G3-R

  • AI
    Based on the part number **WMS2-G3-R**, this component is a **Surface Mount Gas Discharge Tube (GDT)**, typically manufactured by **Bourns** (part of their WMS series). Gas Discharge Tubes are used as primary protection components against high-voltage transients (surge protection) in telecommunications and industrial equipment. --- ## 1. Component Specifications The "WMS2" series is a high-speed, low-capacitance surge protector. Below are the typical technical parameters for this specific part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **DC Sparkover Voltage** | 230V - 350V (Depending on specific sub-series) | | **Impulse Discharge Current** | 2 kA (8/20 μs waveform) | | **Capacitance** | < 1 pF | | **Insulation Resistance** | > 1 GΩ | | **Package / Case** | 2-electrode Surface Mount (SMD) | | **Mounting Type** | Surface Mount | --- ## 2. Key Features * **Low Capacitance:** Because the capacitance is extremely low (<1 pF), this part is ideal for high-speed data lines (Ethernet, DSL, RS-485) as it does not degrade signal integrity. * **Fast Response:** It reacts quickly to overvoltage transients, "crowbarring" the voltage to a low level to protect sensitive downstream electronics. * **Compact Form Factor:** The "G3" designator usually refers to a specific physical size/packaging style designed for automated pick-and-place assembly. * **RoHS Compliant:** The "-R" suffix indicates that the part is Lead-Free and RoHS compliant. --- ## 3. Working Principle The GDT acts as a voltage-dependent switch: 1. **Normal State:** Under normal operating voltages, the gas inside the tube is an insulator, and no current flows through the device. 2. **Surge Event:** When a high-voltage surge (like a lightning strike or power surge) hits the line, the gas ionizes and becomes a conductor. 3. **Protection:** The GDT enters a "glow" or "arc" state, shorting the surge current to ground and keeping the voltage across the protected circuit at a safe level. 4. **Reset:** Once the surge passes and the voltage drops below the "extinguishing voltage," the gas de-ionizes and returns to its insulating state. --- ## 4. Common Applications * Modems and Routers * Set-top boxes * Industrial Ethernet and Fieldbus (CAN, RS-485) * Power supplies (input protection)
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a GDT and a TVS diode?
    • ⤷ How do I calculate the correct Sparkover Voltage for my circuit?
    • ⤷ What is the shelf life and durability of GDT components?