データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WMS2-Z2-R

  • AI
    The **WMS2-Z2-R** is a specific surface-mount electronic component, typically categorized as a **Wire-Wound Surface Mount Inductor** or a specialized resistor/shunt depending on the manufacturer (most commonly associated with high-current sensing or filtering applications). Below is a technical breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications While exact specs can vary by brand (often manufactured by companies like Walsin or similar generic high-power component firms), the "Z2-R" series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Wire-wound Inductor / Power Bead | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | ±20% (Standard for "Z" series) | | **Termination** | RoHS Compliant (Lead-Free) | | **Package Size** | 1008 or 1210 (varies by manufacturer prefix) | | **Packaging** | Tape & Reel ("-R" suffix) | --- ### 2. Key Electronic Features The WMS2-Z2-R is designed for power management circuits. Its primary electronic functions include: * **High Current Handling:** Due to the wire-wound construction, it can handle significantly higher DC currents compared to multilayer ceramic inductors. * **Low DC Resistance (DCR):** The use of copper winding minimizes energy loss (heat) during operation, making it efficient for battery-powered devices. * **EMI Suppression:** Often used as a "choke" to filter out high-frequency noise from power lines. * **Magnetic Shielding:** Many versions of the WMS2 series are shielded to prevent magnetic interference with neighboring components on a dense PCB. --- ### 3. Internal Construction The "W" in the prefix usually denotes **Wire-wound** technology. 1. **Core Material:** Usually a Ferrite or Ceramic core. Ferrite is used for higher inductance and EMI filtering, while ceramic is used for high-frequency stability. 2. **Winding:** A micro-fine copper wire is wound around the core. 3. **Terminals:** The wire ends are laser-welded or soldered to the metallic end-caps for high reliability. 4. **Coating:** Encapsulated in a heat-resistant resin to protect the wire from oxidation and mechanical stress. --- ### 4. Typical Applications * **DC-DC Converters:** Used in voltage regulator modules for smartphones and laptops. * **Power Supply Lines:** Acts as a filter to smooth out ripple currents. * **LED Drivers:** Provides stable current flow to LED arrays. * **Communication Equipment:** Used in RF circuits for impedance matching or decoupling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the WMS2-Z2-R?
    • ⤷ How does wire-wound construction compare to multilayer inductors in terms of performance?
    • ⤷ What are the dimensions of the WMS2-Z2-R package?