データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WPT-111-R

  • AI
    The **WPT-111-R** is a high-performance **Wireless Power Transfer (WPT) Receiver Coil** typically manufactured by companies like **Epson** or specialized inductive component suppliers. It is designed for small-scale electronic devices that require wireless charging capabilities via electromagnetic induction. --- ### 1. Technical Specifications The WPT-111-R is characterized by its compact form factor and efficiency in power reception. Below are the typical technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | ~11.0 $\mu$H | | **DC Resistance (DCR)** | ~0.45 $\Omega$ | | **Dimensions** | ~11.0mm x 11.0mm x 0.8mm | | **Operating Frequency** | 100 kHz - 200 kHz | | **Power Rating** | Low power (Wearables/IoT) | --- ### 2. Key Electronic Components & Construction The device is not a single circuit board but a specialized inductive component. Its construction involves: * **Spiral Coil:** Micro-thin copper wiring wound in a flat spiral to capture magnetic flux. * **Ferrite Sheet:** A thin magnetic shielding layer (usually on the back) that directs the magnetic field and prevents interference with the device's internal electronics. * **Adhesive Layer:** Usually comes with a pressure-sensitive adhesive (PSA) for easy mounting inside a device casing. * **Termination Pads:** Gold-plated or tinned pads for soldering to the Power Management Integrated Circuit (PMIC). --- ### 3. Role in the Wireless Charging Circuit In a complete system, the WPT-111-R acts as the **Secondary Side (Receiver)**. It requires several peripheral electronic parts to function: 1. **Resonant Capacitor:** Placed in series or parallel with the WPT-111-R to tune the circuit to the transmitter's frequency. 2. **Rectifier Bridge:** Converts the AC voltage induced in the coil into DC voltage. 3. **Voltage Regulator/Charger IC:** Stabilizes the DC output to charge a battery (e.g., Li-ion or Li-po). --- ### 4. Applications Due to its small footprint, it is primarily used in: * **Wearables:** Smartwatches and fitness trackers. * **Medical Devices:** Hearing aids or glucose monitors. * **Stylus Pens:** Active digitizer pens that charge wirelessly from a tablet. * **IoT Sensors:** Small remote sensors in sealed environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the WPT-111-R coil?
    • ⤷ Which PMIC chips are compatible with this receiver coil?
    • ⤷ How does the ferrite sheet thickness affect the charging efficiency?