データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WRG22A7CWCEN

  • AI
    The **WRG22A7CWCEN** is a high-performance **Wi-Fi and Bluetooth LE (Low Energy) module** developed by Tuya. It is specifically designed for smart home IoT applications, featuring a highly integrated chip that handles wireless communication and logical processing. --- ### 1. Key Electronic Components & Architecture The module is built around a powerful microcontroller and a sophisticated RF (Radio Frequency) frontend. | Component | Specification | Description | | :--- | :--- | :--- | | **Core MCU** | 32-bit RISC CPU | Runs at up to 120 MHz; handles application logic and Wi-Fi protocols. | | **Flash Memory** | 2 MB Built-in | Stores the firmware, security keys, and user data. | | **RAM** | 256 KB | Used for runtime data processing and buffering. | | **RF Transceiver** | 2.4 GHz | Supports IEEE 802.11b/g/n and Bluetooth Low Energy 5.0. | | **Antenna** | PCB Trace Antenna | Integrated directly onto the board for space-saving. | --- ### 2. Technical Specifications This module is optimized for low power consumption and reliable connectivity in indoor environments. * **Wireless Standard:** 2.4 GHz Wi-Fi (802.11 b/g/n) + Bluetooth 5.0. * **Operating Voltage:** 3.0V to 3.6V (Typical: 3.3V). * **Operating Current:** * *Peak (Tx):* ~250mA * *Normal:* ~80mA * *Deep Sleep:* <10µA * **Operating Temperature:** -40°C to +105°C (Industrial grade). --- ### 3. Pinout and Interface Capabilities The module uses a Surface Mount Device (SMD) design, allowing it to be soldered directly onto a PCB. | Pin Type | Available Interfaces | Functionality | | :--- | :--- | :--- | | **GPIO** | Up to 6 available | General-purpose input/output for sensors or relays. | | **UART** | 2 Ports | Used for serial communication and log printing. | | **PWM** | 5 Channels | Used for LED dimming (RGBCW) or motor control. | | **ADC** | 1 Channel | 10-bit resolution for reading analog sensor data. | --- ### 4. Typical Application Circuit When integrating the WRG22A7CWCEN, designers typically include: 1. **Decoupling Capacitors:** Usually a 10µF and a 0.1µF capacitor near the VCC pin to filter noise. 2. **Pull-up Resistors:** On the Reset (RST) pin to ensure stability. 3. **Keep-out Area:** A clearance area on the main PCB under the antenna to prevent signal interference. ---
    ✨ Follow-up Questions
    • What are the steps to flash custom firmware onto the WRG22A7CWCEN?
    • Can this module be used for matter-over-Wi-Fi applications?
    • What is the maximum range of the integrated PCB antenna?