データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WRPP-CAM-R2

  • AI
    The **WRPP-CAM-R2** is a specialized camera module commonly integrated into industrial monitoring systems, robotics, or high-definition surveillance setups. It is designed to interface with processing units like Raspberry Pi, Jetson Nano, or custom PCB controllers via standard ribbon cables. --- ### Core Electronic Components The hardware architecture of the WRPP-CAM-R2 generally consists of the following key electronic sections: | Component Category | Part / Specification | Function | |:---|:---|:---| | **Image Sensor** | CMOS (Often Sony IMX series) | Converts light into digital signals. | | **Interface Port** | 15-pin FPC / MIPI CSI-2 | High-speed data transmission to the host CPU. | | **LDO Regulators** | 1.8V, 2.8V, 3.3V Rails | Provides stable voltage and noise filtration for the sensor. | | **Oscillator** | Crystal (24MHz or 27MHz) | Provides the base clock signal for sensor timing. | | **EEPROM** | Small capacity I2C chip | Stores identification data and calibration parameters. | | **ISP (Optional)** | Integrated Signal Processor | Handles Auto-White Balance (AWB) and Auto-Exposure (AE). | --- ### Key Technical Specifications The "R2" designation typically implies a revision that improves signal integrity or lens compatibility. * **Resolution:** Usually supports up to 5MP or 8MP (depending on the specific sensor revision). * **Signal Type:** **MIPI CSI (Camera Serial Interface)**. This is a differential signaling protocol that allows for high frame rates with low electromagnetic interference (EMI). * **Focus Mechanism:** Generally features a **Fixed Focus** or a **Manual Adjustable Lens** (M12 or CS-mount threads). * **Power Consumption:** Low power draw, typically ranging from **200mA to 350mA** during active streaming. --- ### Pinout and Connectivity The module connects via a Flexible Printed Circuit (FPC). Below is the typical logic layout for the 15-pin interface used by this class of camera: ```markdown 1. Ground (GND) 2. MIPI Data Lane 0 (-) 3. MIPI Data Lane 0 (+) 4. Ground (GND) 5. MIPI Data Lane 1 (-) 6. MIPI Data Lane 1 (+) 7. Ground (GND) 8. MIPI Clock (-) 9. MIPI Clock (+) 10. Ground (GND) 11. Power Enable / Shutdown 12. LED / Flash Trigger 13. SCL (I2C Clock) 14. SDA (I2C Data) 15. 3.3V Power Supply ``` --- ### Typical Use Cases 1. **Industrial Inspection:** Used in automated lines for QR code reading or defect detection. 2. **IoT Gateways:** Integrated into smart home hubs for visual verification. 3. **Educational Robotics:** Standard camera for AI-driven robots (line following, object recognition).
    ✨ Follow-up Questions
    • ⤷ What is the maximum frames per second (FPS) supported by the WRPP-CAM-R2 at 1080p?
    • ⤷ Is this camera module compatible with the Raspberry Pi 5 without an adapter?
    • ⤷ Does the R2 revision include IR-Cut functionality for night vision?