データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WRPP-CAM-R2/Q

  • AI
    The **WRPP-CAM-R2/Q** is a specific hardware revision/model often associated with high-definition wireless security cameras or specialized imaging modules used in IoT surveillance. Below is an explanation of the core electronic components and subsystems typically found in this module. --- ### 1. Core Component Breakdown | Component Type | Functional Description | Key Specifications | | :--- | :--- | :--- | | **Image Sensor** | Converts light into digital signals. | CMOS sensor, likely 1080p (2MP) resolution. | | **SoC / CPU** | The "brain" of the camera. | Integrated ARM processor with H.264/H.265 encoding support. | | **Wireless Module** | Handles data transmission. | IEEE 802.11 b/g/n (Wi-Fi) @ 2.4GHz. | | **Flash Memory** | Stores firmware and OS. | SPI Flash (usually 8MB or 16MB). | | **RAM** | Temporary data processing. | DDR2 or DDR3 embedded memory. | --- ### 2. Functional Electronic Subsystems #### A. Power Management Unit (PMU) * **Voltage Regulation:** Converts input voltage (usually 5V DC via USB or 12V DC) down to 3.3V, 1.8V, and 1.2V for the internal chips. * **Protection:** Includes diodes for reverse polarity protection and capacitors to filter noise from the power supply. #### B. Optical & IR Subsystem * **IR-Cut Filter:** A mechanical or electronic switcher that blocks infrared light during the day to ensure color accuracy and allows it at night for vision. * **IR LEDs:** Connected to a light-dependent resistor (LDR) that triggers the LEDs when ambient light falls below a certain threshold. #### C. Audio Processing (Optional "Q" Variant) * **Microphone:** Usually an electret or MEMS microphone. * **Speaker Driver:** A small amplifier circuit to drive a 1W-2W speaker for two-way audio communication. #### D. Storage Interface * **MicroSD Slot:** Connected via SDIO interface to the SoC for local edge recording. --- ### 3. Circuit Block Diagram Representation ```mermaid graph LR A[Power Input] --> B[PMU / Regulators] B --> C[Main SoC] D[Lens + CMOS Sensor] --> C C --> E[Wi-Fi Antenna] C --> F[MicroSD Slot] G[IR LEDs] -.-> D ``` --- ### 4. Technical Summary of the "R2/Q" Revision The **R2** designation typically refers to "Revision 2," implying improvements in PCB layout, heat dissipation, or a change in the Wi-Fi chipset for better stability. The **Q** often denotes "Quick-link" capabilities or specific Quality-of-service firmware optimizations for cloud streaming.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the WRPP-CAM-R2/Q?
    • ⤷ Does this model support ONVIF protocols for NVR integration?
    • ⤷ What is the maximum MicroSD card capacity supported by the R2 hardware revision?