データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WRPP-CJA-R2

  • AI
    The **WRPP-CJA-R2** is a specialized electronic measurement component, primarily categorized as a **Surface Thermocouple Sensor** (specifically a Type S or Type R Platinum-Rhodium variant, though often used as a general designation for high-temperature probe assemblies). Below is the technical breakdown of its electronic parts and specifications. --- ### 1. Core Component Specifications The "WRPP" prefix indicates a Platinum-Rhodium composition, which is essential for high-stability temperature sensing in industrial environments. | Component | Technical Detail | | :--- | :--- | | **Sensor Type** | Type S (Platinum Rhodium 10-Platinum) or Type R | | **Measuring Range** | 0°C to 1300°C (Short term up to 1600°C) | | **Probe Material** | Corundum (High-alumina ceramic) or Stainless Steel | | **Wire Diameter** | Standard 0.3mm to 0.5mm (Internal elements) | | **Output Signal** | Millivolt (mV) analog signal | --- ### 2. Electronic Part Breakdown #### A. The Thermoelement (The Heart) The device consists of two dissimilar noble metal wires. * **Positive Pole:** Platinum-Rhodium alloy. * **Negative Pole:** Pure Platinum. * **Function:** It operates on the **Seebeck Effect**, where a temperature difference between the hot junction (tip) and cold junction (terminals) generates a small voltage. #### B. The Junction Block (CJA Designation) The "CJA" often refers to the **Connector/Junction Assembly**: * **Terminal Head:** Usually made of cast aluminum or heavy-duty plastic to protect the wiring connections. * **Ceramic Insulators:** Small multi-bore ceramic tubes that keep the two thermocouple wires from touching (preventing a short circuit) inside the probe sheath. #### C. Compensation Wires Because the sensor uses expensive noble metals, the R2 variant typically connects to **Compensation Leads**. These are specific alloy wires that have the same thermoelectric characteristics as the probe but are made of cheaper materials for long-distance transmission to the controller. --- ### 3. Structural Design (R2 Variant) The **R2** designation typically refers to the mounting style or the specific radius/curvature of the surface probe. 1. **Protective Sheath:** A Corundum (Ceramic) tube protects the electronic elements from oxidation and chemical corrosion at temperatures exceeding 1000°C. 2. **Fixed Thread/Flange:** The mechanical interface that secures the electronic sensor into a furnace or pipe. 3. **Cold End:** The terminal where the mV signal is output to a PID Controller or PLC. --- ### 4. Circuit Integration Example To use the WRPP-CJA-R2 in a digital system, the following electronic signal chain is required: ```python # Conceptual Signal Processing Path [ Thermocouple (mV) ] -> [ Compensation Cable ] -> [ Cold Junction Compensation ] -> [ ADC / PID Controller ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between a Type S and Type R WRPP sensor?
    • ⤷ How do I calibrate the mV output of a WRPP-CJA-R2 for a PLC?
    • ⤷ What are the common causes of sensor drift in high-temperature ceramic probes?