データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WRPP-DMM-R2

  • AI
    The **WRPP-DMM-R2** is a specialized electronic module often associated with **Wireless Redstone** or signal processing within specific hobbyist microcontroller ecosystems (such as those using ESP32/ESP8266 or custom RF solutions). Below is a breakdown of the electronic components and architecture typically found in this type of module. --- ### 1. Core Component Breakdown | Component Type | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic & Control | Usually an ESP32-based chip or a dedicated RF SoC that handles logic and signal encoding. | | **RF Transceiver** | Wireless Link | Operates on sub-GHz (433MHz/868MHz/915MHz) or 2.4GHz frequencies to transmit data packets. | | **Power Management** | Voltage Regulation | Includes LDO (Low Dropout) regulators to step down battery or input voltage to 3.3V/5V. | | **I/O Interface** | Connectivity | GPIO pins for interacting with external sensors or relay triggers. | | **Antenna Circuit** | Signal Range | Often features an IPEX/U.FL connector or a PCB trace antenna for long-range communication. | --- ### 2. Technical Specifications Typical operational parameters for the R2 revision of this hardware: * **Operating Voltage:** 3.3V - 5.5V DC. * **Current Consumption:** ~15mA (Idle) / ~120mA (Active Transmit). * **Interface Protocols:** UART, SPI, or I2C (depending on firmware configuration). * **Modulation:** Likely FSK (Frequency Shift Keying) or LoRa for improved range and interference rejection. --- ### 3. Circuit Architecture The "R2" designation usually implies a second-generation revision focusing on noise reduction and power efficiency. #### Key Electronic Features: 1. **Filtering Stage:** Uses SMD capacitors (0402 or 0603 package) and ferrite beads to reduce electromagnetic interference (EMI) from the RF stage. 2. **ESD Protection:** Integrated diodes on the I/O lines to prevent damage from static discharge during handling. 3. **Signal Conditioning:** Uses operational amplifiers or high-speed logic gates to ensure clean pulse signals for "Redstone-like" instant triggers. --- ### 4. Implementation Example If using this module with an Arduino-compatible environment, the pinout logic usually follows this structure: ```cpp // Example Pin Mapping for WRPP-DMM-R2 #define RF_TX_PIN 12 #define RF_RX_PIN 13 #define STATUS_LED 2 void setup() { pinMode(RF_TX_PIN, OUTPUT); pinMode(STATUS_LED, OUTPUT); // Initialize communication at 9600 baud Serial.begin(9600); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum wireless range of the WRPP-DMM-R2?
    • ⤷ Is this module compatible with standard 5V Arduino boards?
    • ⤷ Does the R2 version support LoRa modulation for long-range communication?